Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDLC3V3D3B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESDLC3V3D3B
Description  3.3V-12Volts ESD Protection Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDLC3V3D3B Datasheet(HTML) 2 Page - Micro Commercial Components

  ESDLC3V3D3B Datasheet HTML 1Page - Micro Commercial Components ESDLC3V3D3B Datasheet HTML 2Page - Micro Commercial Components ESDLC3V3D3B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
www.mccsemi.com
2 of 3
MCC
Revision:
A
20
11/01/01
ESDLC3V3D3B-ESDLC12VD3B
Max Clamping
Voltage
Vc
Typ.
Cj
VRWM
IR
@ VRWM
Min Breakdown
Voltage
VBR
@1mA
@ IP=1A
@ IPP
@0V,1MHZ
Device
Volts
uA
Volts
Volts
Volts
pF
ESDLC3V3D3B
3.3
1
4.0
7.0
36.0@28.0A
4.5
ESDLC12VD3B12
1
13.3
19.0
28.6@11.0A
3
ESDLC5V0D3B5
1
6.0
9.8
32.0@21.0A
5


Similar Part No. - ESDLC3V3D3B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC3V3D3B MCC-ESDLC3V3D3B Datasheet
223Kb / 3P
   3.3V-12Volts ESD Protection Device Low clamping voltage
logo
Shanghai Yint Electroni...
ESDLC3V3D3B YINT-ESDLC3V3D3B Datasheet
504Kb / 3P
   ESD Protection Diode
logo
Micro Commercial Compon...
ESDLC3V3D3B MCC-ESDLC3V3D3B_13 Datasheet
223Kb / 3P
   3.3V-12Volts ESD Protection Device Low clamping voltage
More results

Similar Description - ESDLC3V3D3B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC3V3D3-TP MCC-ESDLC3V3D3-TP Datasheet
228Kb / 3P
   3.3V-12Volts ESD Protection Device
ESDLC3V3D3 MCC-ESDLC3V3D3 Datasheet
201Kb / 3P
   3.3V-12Volts ESD Protection Device
ESDLC3V3D3B MCC-ESDLC3V3D3B_13 Datasheet
223Kb / 3P
   3.3V-12Volts ESD Protection Device Low clamping voltage
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
130Kb / 4P
   5V~12Volts ESD Protection Device
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
   3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices
SM12C MCC-SM12C Datasheet
240Kb / 4P
   12Volts ESD Protection Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com