Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR6M Datasheet(PDF) 3 Page - Micro Commercial Components

Part # FR6M
Description  6 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR6M Datasheet(HTML) 3 Page - Micro Commercial Components

  FR6M Datasheet HTML 1Page - Micro Commercial Components FR6M Datasheet HTML 2Page - Micro Commercial Components FR6M Datasheet HTML 3Page - Micro Commercial Components FR6M Datasheet HTML 4Page - Micro Commercial Components FR6M Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FR6A thru FR6M
MCC
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
Ambient Temperature °C
150
8
10
12
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.6
.8
1.0
1.2
1.4
1.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25°C
Revision: 7
2008/10/13
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - FR6M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR6M MCC-FR6M Datasheet
353Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
America Semiconductor, ...
FR6M05 AMERICASEMI-FR6M05 Datasheet
423Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
GeneSiC Semiconductor, ...
FR6M05 GENESIC-FR6M05 Datasheet
782Kb / 3P
   Silicon Fast Recovery Diode
logo
America Semiconductor, ...
FR6MR05 AMERICASEMI-FR6MR05 Datasheet
423Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
GeneSiC Semiconductor, ...
FR6MR05 GENESIC-FR6MR05 Datasheet
767Kb / 3P
   High Surge Capability
More results

Similar Description - FR6M

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MR750FR MCC-MR750FR Datasheet
84Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601 Datasheet
79Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_11 Datasheet
239Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR6A MCC-FR6A Datasheet
353Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 MCC-FR601_13 Datasheet
271Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR604-TP MCC-FR604-TP Datasheet
113Kb / 4P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP Datasheet
79Kb / 3P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com