Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2504 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR2504
Description  25 Amp Fast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR2504 Datasheet(HTML) 1 Page - Micro Commercial Components

  FR2504 Datasheet HTML 1Page - Micro Commercial Components FR2504 Datasheet HTML 2Page - Micro Commercial Components FR2504 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR2504
25 Amp
Fast Recovery
Rectifier
Features
High Current(IF(AV)=25A)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
2
200
8/01/01
TM
Micro Commercial Components
Rating
Symbol
Value
Units
Peak Repetitive
Reverse Voltage
Working Peak
Reverse Voltage
DC Blocking Voltage
VDC
400
V
Average Rectified
Forword Current(TC=100 )
Non-Repetitive Peak
Forward Surge Current
Operating Junction and
Storage Temperature Range
Rating
Symbol
Value
Units
Thermal Resistance
Junction To Case
WR
7-7VWJ
RthJC
1
/watt
IF(AV)
25
A
IFSM
280
A
VRRM
400
V
VRRM
400
V
Parameter
Symbol
Conditions
Typical
Max
Units
IF=25A
1.17
1.3
IF=50A
1.35
1.5
Reverse Leakage Current
IR
VR=400V
--
10
uA
IF=0.5A,IR=1.0A
IRR=0.25A
110
250
V
ns
Forward voltage(Note 2)
VF
Trr
Reverse Recovery Time
THERMAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(T = 25°C unless otherwise noted)
J
Marking:FR2504
www.mccsemi.com
1 of 3

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
N
.080
.115
2.03
2.92
A
B
C
K
J
I
G
F
D
N
M
L
H
PIN
12
TO-220AC
PIN 1
PIN 2
CASE
Glass Passivated Junction
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Low VF for Forward Conduction Losses
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
RoHS Compliant. See ordering information)
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40

Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
2. Short duration pulse to minimize self-heating


Similar Part No. - FR2504

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR2504 FCI-FR2504 Datasheet
140Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
Pan Jit International I...
FR2504 PANJIT-FR2504 Datasheet
121Kb / 3P
   25A / 400V FAST RECOVERY RECTIFIER
logo
First Components Intern...
FR2504 FCI-FR2504 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
Pan Jit International I...
FR2504B PANJIT-FR2504B Datasheet
121Kb / 3P
   25A / 400V FAST RECOVERY RECTIFIER
FR2504DY PANJIT-FR2504DY Datasheet
151Kb / 3P
   25A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FR2504

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR2504 MCC-FR2504_13 Datasheet
323Kb / 3P
   25 Amp Fast Recovery Rectifier
logo
Fuji Electric
RKBPC25005 FUJI-RKBPC25005 Datasheet
737Kb / 1P
   25 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
Micro Commercial Compon...
FRB2504 MCC-FRB2504_11 Datasheet
217Kb / 4P
   25 Amp Surface Mount Fast Recovery Rectifier
FRB2504 MCC-FRB2504_13 Datasheet
236Kb / 4P
   25 Amp Surface Mount Fast Recovery Rectifier
FRB2504 MCC-FRB2504 Datasheet
86Kb / 3P
   25 Amp Surface Mount Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
FRDB-2500P-1B DEC-FRDB-2500P-1B Datasheet
462Kb / 2P
   25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500P DEC-FDB2500P Datasheet
459Kb / 2P
   25 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
   25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500 DEC-FDB2500 Datasheet
459Kb / 2P
   25 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
TF601 TAITRON-TF601 Datasheet
141Kb / 3P
   6 Amp Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com