Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR304 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FR304
Description  3 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR304 Datasheet(HTML) 2 Page - Micro Commercial Components

  FR304 Datasheet HTML 1Page - Micro Commercial Components FR304 Datasheet HTML 2Page - Micro Commercial Components FR304 Datasheet HTML 3Page - Micro Commercial Components FR304 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FR301 thru FR307
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.5
1.0
1.5
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
2.0
2.5
3.0
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
12
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - FR304

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR304 WTE-FR304 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR304 YIXIN-FR304 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Diotech Company.
FR304 DIOTECH-FR304 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
FR304 LRC-FR304 Datasheet
50Kb / 2P
   3A FAST RECOVERY DIODES
logo
DIOTEC Electronics Corp...
FR304 DEC-FR304 Datasheet
665Kb / 2P
   Fast switching for high efficiency
More results

Similar Description - FR304

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301 YFWDIODE-FR301 Datasheet
113Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR301 MCC-FR301_13 Datasheet
479Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP_13 Datasheet
496Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301-DO27 YFWDIODE-FR301-DO27 Datasheet
451Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP_17 Datasheet
237Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP_11 Datasheet
473Kb / 4P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301 MCC-FR301 Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
UF5400 MCC-UF5400_11 Datasheet
187Kb / 4P
   3 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
   3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com