Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ25005 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GBJ25005
Description  25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJ25005 Datasheet(HTML) 1 Page - Micro Commercial Components

  GBJ25005_11 Datasheet HTML 1Page - Micro Commercial Components GBJ25005_11 Datasheet HTML 2Page - Micro Commercial Components GBJ25005_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBJ25005
THRU
GBJ251
0
25 Amp
Glass Passivated
Bridge Rectifier
50 to 1
000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJ25005
50V
35V
50V
GBJ2501
100V
70V
100V
GBJ2502
200V
140V
200V
GBJ2504
400V
280V
400V
GBJ2506
600V
420V
600V
GBJ2508
800V
560V
800V
GBJ2510
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
350A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
500
TJ = 25
°C
TJ= 125
°C
Typical Junction
Capacitance
CJ
85 pF
Measured at
1.0MHz, VR=4.0V
GBJ
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.170
1.190
29.70
30.30
B
.780
.800
19.70
20.30
C
.670
.710
17.00
18.00
D
.019
.019
4.70
4.90
E
.430
.440
10.80
11.20
G
.120
.130
3.10
3.40
I
.170
.190
4.40
4.80
J
.100
.110
2.50
2.90
K
.020
.030
0.60
0.80
L
.080
.090
2.00
2.40
M
.040
.040
0.90
1.10
O
.290
.300
7.30
7.70
N
.390
.400
9.80
10.20
H
.130
.150
3.40
3.80
F
.090
.110
2.30
2.70
Typical thermal
resistance
ROJC
0.6
/W
°C
+
A
B
D
E
F
G
H
I
J
K
L
M
O
N
C
O
P
P
.150
.170
3.80
4.20
Ideal for printed circuit board
Low forward voltage drop, high current capability.
IFM = 12.5 A
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
GBJ25005
GBJ2501
GBJ2502
GBJ2504
GBJ2506
GBJ2508
GBJ2510
www.mccsemi.com
1 of 3
µA
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
UL Recognized File # E165989
Case Type
~
~
Mounting Torgue: 5.0 in-lbs Maximum
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - GBJ25005_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - GBJ25005_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL25005 MCC-GBJL25005 Datasheet
342Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005_09 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC25005W MCC-GBPC25005W Datasheet
344Kb / 3P
   25 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
KBPC2500GS MCC-KBPC2500GS Datasheet
88Kb / 2P
   25 Amp Glass Passivated In-Line Bridge Rectifier 50 to 1000 Volts
MP2505WGP MCC-MP2505WGP Datasheet
287Kb / 3P
   Glass Passivated Bridge Rectifier 50 to 1000 Volts 25 Amps
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com