Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRHMB75B12 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PRHMB75B12
Description  75A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRHMB75B12 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PRHMB75B12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRHMB75B12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRHMB75B12 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
日本インター株式会社
PRHMB75B12
012
34
0
25
50
75
100
125
150
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
5
10
20
50
100
200
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
tf
tr
ton
toff
VCC=600V
IC=75A
VGE=±15V
TC=25℃
0
150
300
450
1
2
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=75A
TC=25℃
10
-5
10
-4
10
-3
10
-2
10
-1
110
2x10
-3
5x10
-3
-2
2x10
-2
5x10
-2
-1
2x10
-1
5x10
-1
1
2
5
Time t (s)
fig11-Tansient Thermal Impedance
Tc=25℃
1 Shot Pulse
IGBT
FRD
1
1x10
1x10
0
400
800
1200
1600
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area
RG=13Ω
VGE=±15V
TC≦125℃


Similar Part No. - PRHMB75B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB75B12 NIEC-PRHMB75B12 Datasheet
126Kb / 3P
   IGBT MODULE Chopper 75A 1200V
PRHMB75B12A NIEC-PRHMB75B12A Datasheet
126Kb / 3P
   IGBT MODULE Chopper 75A 1200V
PRHMB75B12A NIEC-PRHMB75B12A Datasheet
207Kb / 3P
   75A 1200V
PRHMB75B12A NIEC-PRHMB75B12A_1 Datasheet
207Kb / 3P
   75A 1200V
logo
National Instruments Co...
PRHMB75B12A NI-PRHMB75B12A_15 Datasheet
207Kb / 3P
   IGBT
More results

Similar Description - PRHMB75B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB75B12A NIEC-PRHMB75B12A_1 Datasheet
207Kb / 3P
   75A 1200V
logo
National Instruments Co...
PBMB75B12 NI-PBMB75B12_15 Datasheet
198Kb / 3P
   75A, 1200V
logo
Nihon Inter Electronics...
PCHMB75B12 NIEC-PCHMB75B12_1 Datasheet
207Kb / 3P
   75A 1200V
PCHMB75B12A NIEC-PCHMB75B12A_1 Datasheet
207Kb / 3P
   75A 1200V
PDMB75B12 NIEC-PDMB75B12_1 Datasheet
219Kb / 3P
   75A 1200V
logo
Fuji Electric
6MBI75S-120 FUJI-6MBI75S-120 Datasheet
506Kb / 4P
   IGBT(1200V/75A)
2MBI75L-120 FUJI-2MBI75L-120 Datasheet
126Kb / 4P
   IGBT(1200V 75A)
2MBI75F-120 FUJI-2MBI75F-120 Datasheet
125Kb / 4P
   IGBT(1200V 75A)
logo
MacMic
MM75G5U120BM MACMIC-MM75G5U120BM Datasheet
320Kb / 7P
   1200V 75A IGBT
September 2022 Version 01
logo
Fuji Electric
2MBI75N-120 FUJI-2MBI75N-120 Datasheet
100Kb / 4P
   IGBT(1200V 75A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com