Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER158 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # HER158
Description  1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER158 Datasheet(HTML) 3 Page - Micro Commercial Components

  HER158 Datasheet HTML 1Page - Micro Commercial Components HER158 Datasheet HTML 2Page - Micro Commercial Components HER158 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
3
Device
Packing
Part Number-TP
Tape&Reel: 4Kpcs/Reel
Part Number-AP
Ammo Packing: 3Kpcs/Ammo Box
Part Number-BP
Bulk: 25Kpcs/Carton
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - HER158

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
HER158 CTC-HER158 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER158 WTE-HER158 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER158 DGNJDZ-HER158 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER158 TSC-HER158 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Microdiode Electronics ...
HER158 CHENDA-HER158 Datasheet
694Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER158

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER151 MCC-HER151 Datasheet
238Kb / 2P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151_13 Datasheet
250Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER501-DO-27 YFWDIODE-HER501-DO-27 Datasheet
326Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 YFWDIODE-HER501 Datasheet
102Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com