Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER206G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER206G
Description  2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER206G Datasheet(HTML) 1 Page - Micro Commercial Components

  HER206G Datasheet HTML 1Page - Micro Commercial Components HER206G Datasheet HTML 2Page - Micro Commercial Components HER206G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER201G
THRU
HER208G
Passivated High
Efficient Rectifiers
50 to 1000 Volts
Features
High Surge Current Capability
High Reliability
Low Forward Voltage Drop
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER201G
50V
35V
50V
HER202G
100V
70V
100V
HER203G
200V
140V
200V
HER204G
300V
210V
300V
HER205G
400V
280V
400V
HER206G
600V
420V
600V
HER207G
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER201G-204G
HER205G
VF
1.0V
1.3V
IFM = 2.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
5
µA
150
µA
TA = 25
°C
TA = 125
°C
Maximum Reverse
Recovery Time
HER201G-205G
HER206G-208G
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER201G-205G
HER206G-208G
CJ
50pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
HER206G - 208G
1.7V
HER208G
1000V
700V
1000V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.8
7.6
B
.104
.140
2.6
3.6
C
.028
.034
0.71
0.86
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
2.0 Amp Glass
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
A
20
11/01/01
TM
Micro Commercial Components
HER201G
HER208G
HER207G
HER206G
HER205G
HER204G
HER203G
HER202G
www.mccsemi.com
1 of 3
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - HER206G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER206G JGD-HER206G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Gaomi Xinghe Electronic...
HER206G GXELECTRONICS-HER206G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
logo
Chongqing Pingwei Enter...
HER206G CHONGQING-HER206G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Compact Technology Corp...
HER206G CTC-HER206G Datasheet
114Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER206G GOOD-ARK-HER206G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER206G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
   Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_13 Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
EGP20A MCC-EGP20A_08 Datasheet
144Kb / 5P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP20A MCC-EGP20A Datasheet
82Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
HER601GP MCC-HER601GP_13 Datasheet
325Kb / 3P
   6.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201 MCC-HER201 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201 MCC-HER201_11 Datasheet
245Kb / 3P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201 MCC-HER201_13 Datasheet
265Kb / 3P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER201-DO15 YFWDIODE-HER201-DO15 Datasheet
330Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com