Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1267-GR Datasheet(PDF) 1 Page - Micro Commercial Components

Part # KTA1267-GR
Description  PNP General Purpose Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KTA1267-GR Datasheet(HTML) 1 Page - Micro Commercial Components

  KTA1267-GR Datasheet HTML 1Page - Micro Commercial Components KTA1267-GR Datasheet HTML 2Page - Micro Commercial Components KTA1267-GR Datasheet HTML 3Page - Micro Commercial Components KTA1267-GR Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Excellent hFE Linearity: hFE(0.1mA)/hFE(2.0mA)=0.95(Typ)
Low Noise: NF=1.0dB(Typ.), 10dB(Max.)
Complementary to KTC3199
KTA1267-O
PNP General
Purpose Application
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
150
mA
IE
Emitter Current
150
A
PC
Collector power dissipation
400
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector-Base Cutoff Current
(VCB=50Vdc,IE=0)
---
---
0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current gain
(1)
(IC=2.0mAdc, VCE=6.0Vdc)
70
---
400
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
---
0.1
0.3
Vdc
fT
Transistor Frequency
(VCE=10Vdc, IC=1.0mAdc)
80
---
---
MHz
Cob
Collector Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
---
4.0
7.0
pF
NF
Noise Figure
(VCE=6.0Vdc, IC=0.1mAdc, f=1.0kHz,
Rg=10KOHM)
---
1.0
10
dB
(1) hFEClassification O: 70~140, Y: 120~240, GR: 200~400
AE
B
C
D
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.16
4.00
B
.12
3.00
C
.59
---
15.00
---
D
.02
0.45
E
.08
2.00
G
.20
5.00
TO-92S
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 5
2008/02/01
TM
Micro Commercial Components
CB
E
www.mccsemi.com
1 of 4
Marking: A1267
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
KTA1267-Y
KTA1267-GR


Similar Part No. - KTA1267-GR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KTA1267-GR MCC-KTA1267-GR Datasheet
395Kb / 4P
   PNP General Purpose Application
More results

Similar Description - KTA1267-GR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KTA1267-O MCC-KTA1267-O_13 Datasheet
395Kb / 4P
   PNP General Purpose Application
logo
AUK corp
BC858U AUK-BC858U Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857UF AUK-BC857UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
   PNP Silicon Transistor (General purpose application Switching application)
BC856 AUK-BC856 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856F AUK-BC856F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857 AUK-BC857 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858UF AUK-BC858UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858 AUK-BC858 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com