Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI25-050-D48 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # UEI25-050-D48
Description  Single Output Isolated 25-Watt DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI25-050-D48 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button UEI25-050-D48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. UEI25-050-D48 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SECTION A-A
Depth
Pocket
9.5 [.38 in]
19.1 [.75 in]
Notes:
Material: Dow 220 antistat ethafoam
1.
(Density: 34-35 kg/m3)
Dimensions: 252 x 252 x 19.1 mm
2.
6 x 5 array (30 per tray)
3. All dimensions in millimeters [inches]
4. Tolerances unless otherwise specified: +1/-0
Typ
Typ
R
28.4
177.8
[9.92]
252.0
Typ
6.4
Typ
6.4
6.4
Typ
18.0
5x
Ref
38.1
22.9
190.5
Ref
252.0
[9.92]
25.4
4x 44.5
A
A
19.1
Ref
252.0
Ref
252.0
Ref
9.5 deep
Ref
UEI25 Series
Single Output Isolated 25-Watt DC/DC Converters
MDC_UEI25W.B03 Page 10 of 23
www.murata-ps.com
SHIPPING TRAYS AND BOXES, THROUGH-HOLE MOUNT
SHIPPING TRAY DIMENSIONS
Anti-static foam
Label
Label
Each tray is 6 x 5 units
(30 units per tray)
UEI modules are supplied in a 30-piece (6 x 5) shipping tray. The tray is an anti-static closed-cell polyethylene foam. Dimensions are shown below.


Similar Part No. - UEI25-050-D48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI25-050-D48 MURATA-PS-UEI25-050-D48 Datasheet
2Mb / 24P
   Single Output Isolated 25-Watt DC/DC Converters
2023
More results

Similar Description - UEI25-050-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
   Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
   25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
Power-One
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
   25 Watt DC-DC Converters
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
   25 Watt DC-DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
SPM15 MURATA-PS-SPM15 Datasheet
911Kb / 36P
   Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50W RSG-CHB50W Datasheet
1Mb / 1P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com