Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF1005LR33KT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLF1005LR33KT
Description  SMD Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF1005LR33KT Datasheet(HTML) 2 Page - TDK Electronics

  MLF1005LR33KT Datasheet HTML 1Page - TDK Electronics MLF1005LR33KT Datasheet HTML 2Page - TDK Electronics MLF1005LR33KT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2/3)
001-03 / 20100930 / e511_mlf1005l.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Part No.
Inductance
(µH)
Inductance
tolerance
Test
frequency
L, Q (MHz)
Test
current
L, Q (mA)
Q min.
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω )max.
Rated current
(mA)max.
MLF1005LR10KT
0.1
±10%
25
1.0
10
450
0.51
150
MLF1005LR12KT
0.12
±10%
25
1.0
10
400
0.59
140
MLF1005LR15KT
0.15
±10%
25
1.0
10
350
0.63
130
MLF1005LR18KT
0.18
±10%
25
1.0
10
320
0.76
120
MLF1005LR22KT
0.22
±10%
25
1.0
10
290
0.79
110
MLF1005LR27KT
0.27
±10%
25
1.0
10
260
0.91
100
MLF1005LR33KT
0.33
±10%
25
1.0
10
230
1.05
90
MLF1005LR39KT
0.39
±10%
10
1.0
25
210
0.41
50
MLF1005LR47KT
0.47
±10%
10
1.0
25
190
0.42
50
MLF1005LR56KT
0.56
±10%
10
1.0
25
170
0.47
45
MLF1005LR68KT
0.68
±10%
10
1.0
25
150
0.55
40
MLF1005LR82KT
0.82
±10%
10
1.0
25
130
0.59
35
MLF1005L1R0KT
1.0
±10%
10
1.0
25
120
0.64
35
MLF1005L1R2KT
1.2
±10%
10
1.0
25
110
0.79
35
MLF1005L1R5KT
1.5
±10%
10
1.0
25
100
0.95
30
MLF1005L1R8KT
1.8
±10%
10
1.0
25
90
1.05
20
MLF1005L2R2KT
2.2
±10%
10
1.0
25
80
1.15
15
0.1min.
0.1min.
1.0±0.05
Weight : 1.2mg
Dimensions in mm
0.5
0.45
0.45
1
0.01
10
0.1
1
Frequency(MHz)
2.2
µH
0.1
µH
0.33
µH
1.0
µH
10
100
1000
1
0
10
100
1000
Frequency(MHz)
2.2
µH
1.0
µH
0.1
µH
0.33
µH
10
20
30
40
50
70
60
1
1
10000
1000
10
100
Frequency(MHz)
2.2
µH
0.1
µH
0.33
µH
1.0
µH
10
100
1000


Similar Part No. - MLF1005LR33KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF1005LR33KT TDK-MLF1005LR33KT Datasheet
3Mb / 23P
   Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1005LR33KT TDK-MLF1005LR33KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
More results

Similar Description - MLF1005LR33KT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
N08DPA151K TAIYO-YUDEN-N08DPA151K Datasheet
249Kb / 6P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com