Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFSQ0402C0H1C0R4WT Datasheet(PDF) 2 Page - TDK Electronics

Part # TFSQ0402C0H1C0R4WT
Description  Thin-film Capacitors(Z-match)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFSQ0402C0H1C0R4WT Datasheet(HTML) 2 Page - TDK Electronics

  TFSQ0402C0H1C0R4WT Datasheet HTML 1Page - TDK Electronics TFSQ0402C0H1C0R4WT Datasheet HTML 2Page - TDK Electronics TFSQ0402C0H1C0R4WT Datasheet HTML 3Page - TDK Electronics TFSQ0402C0H1C0R4WT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
001-02 / 20110819 / e741_tfcap_tfsq0402
• All specifications are subject to change without notice.
Thin-film Capacitors(Z-match)
TFSQ0402 Series
SHAPES AND DIMENSIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Capacitance temperature characteristics
Class 1 (Temperature compensation)
(3) Rated voltage Edc
(4) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(5) Capacitance tolerance
(6) Packaging style
Conformity to RoHS Directive
0.4±0.02
0.2±0.02
0.11±0.01
0.15±0.01
Dimensions in mm
Terminal electrode
TFSQ0402 C0H 1C 3R0 W
T
(1)
(2)
(3) (4)
(5) (6)
Temperature
characteristics
Capacitance change
Temperature range
C0H
0±60ppm/°C
–55 to +125°C
1C
16V
0R2
0.2pF
3R0
3.0pF
Symbol
Tolerance
W
±0.05pF
B
±0.1pF
T
Taping (reel)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• This specification is applicable to thin-film capacitors with a priority over the other relevant specifications.
Production places defined in this specification should be TDK-EPC Corporation Japan.
• This specification warrants the quality of the thin-film capacitors. The chips should be evaluated or confirmed a state of mounted on
your product. If the use of the chips goes beyond the bounds of the specification, we can not afford to guarantee.


Similar Part No. - TFSQ0402C0H1C0R4WT

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
87Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
Revision: 11-Jan-18
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
750Kb / 8P
   Splash Proof Mid Size Snap-acting Switches
30 Apr 21
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-S VISHAY-TFS-S Datasheet
92Kb / 3P
   Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results

Similar Description - TFSQ0402C0H1C0R4WT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
04023J3R1BBWTR AVX-04023J3R1BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J4R1BBWTR AVX-04023J4R1BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J0R2PBWTR AVX-04023J0R2PBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J0R3PBSTR AVX-04023J0R3PBSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J0R5PBSTR AVX-04023J0R5PBSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J0R9PBWTR AVX-04023J0R9PBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R8ABSTR AVX-04023J1R8ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J2R2BBWTR AVX-04023J2R2BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J2R6BBWTR AVX-04023J2R6BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com