Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43178-5001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43178-5001
Description  HAND CRIMP TOOL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43178-5001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43178-5001 Datasheet HTML 1Page - Molex Electronics Ltd. 43178-5001 Datasheet HTML 2Page - Molex Electronics Ltd. 43178-5001 Datasheet HTML 3Page - Molex Electronics Ltd. 43178-5001 Datasheet HTML 4Page - Molex Electronics Ltd. 43178-5001 Datasheet HTML 5Page - Molex Electronics Ltd. 43178-5001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Hand Crimp Tool for Sabre™ Flat Blade Crimp Terminals
Doc No. ATS-638117200
Release Date: 02-12-07
UNCONTROLLED COPY
Page 1 of 6
Revision: A
Revision Date: 02-12-07
INSULATION
CRIMP
BRUSH
STRIP
LENGTH
BELL
MOUTH
CRIMP HEIGHT
BEND
DOWN
BEND UP
ROLLING
CONDUCTOR
CRIMP
TWISTING
CUT-OFF
TAB
SEAM
HAND CRIMP TOOL
SPECIFICATION SHEET
Order No. 63811-7200
FEATURES
ΠA full cycle ratcheting hand tool ensures complete crimps
ΠErgonomic soft grip handles for comfortable crimping
ΠA precision user-friendly terminal locator wire stop holds terminals in the proper crimping position
ΠThis tool is IPC/WHMA-A-620 Class 2 and RoHS compliant
SCOPE
Products: Sabre™ Flat Blade Crimp Terminal, 14-18 AWG.
Terminal Order No.
Wire Size
ÍInsulation Diameter
Strip Length
Terminal Series No.
ÆAvailable in Reel form only AWG
mm²
mm
in
mm
in
Æ43178-1001 Æ43178-5001
43178
Æ43178-1002 Æ43178-5002
18
0.80
2.36-3.56
.093-.140
3.96-5.54
.156-.218
43374 and 43375
Æ43374-0001 Æ43375-0001 14-18 2.00-0.80 2.36-3.56
.093-.140
3.96-5.54
.156-.218
ÆFollow the Cut-Off Tab specifications on Applicator specification sheets.
ÍSee Conditions on Page 2.
DEFINITION OF TERMS
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
TYPE 4C


Similar Part No. - 43178-5001

ManufacturerPart #DatasheetDescription
logo
MolexKits
43178-2002 MOLEXKITS-43178-2002 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
43178-2002 MOLEXKITS-43178-2002 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
43178-4002 MOLEX5-43178-4002 Datasheet
130Kb / 2P
   Sabre??Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged
More results

Similar Description - 43178-5001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
   Hand Crimp Tool
64003-3600 MOLEX11-64003-3600 Datasheet
28Kb / 1P
   Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
   Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
   Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2300 MOLEX11-64001-2300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2500 MOLEX11-64001-2500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-4900 MOLEX11-64001-4900 Datasheet
36Kb / 1P
   Hand Crimp Tool
64003-0400 MOLEX11-64003-0400 Datasheet
45Kb / 1P
   Hand Crimp Tool
0638258300 MOLEX11-0638258300 Datasheet
30Kb / 1P
   Hand Crimp Tool
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com