Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4148
Description  500mW High Speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4148_10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148_10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148_10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148/1N4448/1N914B
500mW High Speed Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Through-hole device type mounting
Moisture sensitivity level 1
Solder hot dip Tin(Sn) lead finish
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : : DO-35 package (SOD-27)
0.45
0.55
0.018
0.022
High temperature soldering guaranteed : 260°C/10s
3.05
5.08
0.120
0.
201
25.40
38.10
1.000
1.500
1.53
2.28
0.060
0.090
Package
DO-35
DO-35
DO-35
DO-35
DO-35
DO-35
Maximum Ratings
10K / 14" Reel
Power Dissipation
Part No.
1N
4148 A0
1N
4448 A0
Packing
5K / Ammo
5K / Ammo
PD
VRRM
10K / 14" Reel
Peak Forward Surge Current
Pluse Width = 1uS, Square Wave
1N
4148 R0
1N
4448 R0
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
1N914B R0
10K / 14" Reel
Junction and Storage Temperature Range
Average Forward Current
IFM
IO
TJ, TSTG
RθJA
Thermal Resistance (Junction to Ambient)
Non-Repetitive Peak Forward Current
mA
°C
-65 to + 150
450
150
°C/W
240
mA
D
500
100
DO-35 Axial Lead
Units
V
mW
HERMETICALLY SEALED GLASS
Value
Features
Mechanical Data
Unit (mm)
Dimensions
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
Unit (inch)
IFSM
2.0
A
Maximum Ratings and Electrical Characteristics
A
B
C
Repetitive Peak Reverse Voltage
Symbol
Polarity : Indicated by cathode band
Ordering Information
1N
914B A0
5
K / Ammo
Weight : 109 ± 4 mg
A
B
C
D
Version : D10


Similar Part No. - 1N4148_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
   SWITCHING DIODES
More results

Similar Description - 1N4148_10

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
1N4148W MCC-1N4148W Datasheet
94Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_14 Datasheet
193Kb / 4P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_11 Datasheet
165Kb / 3P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com