Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1045FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1045FCT
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1045FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1045FCT Datasheet HTML 1Page - Micro Commercial Components MBR1045FCT Datasheet HTML 2Page - Micro Commercial Components MBR1045FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1020FCT
THRU
MBR10100FCT
10 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
Maximum Ratings
Operating Junction Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100
°C
Peak Forward Surge
Current
IFSM
120A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1020FCT-1045FCT
1050FCT-1060FCT
VF
.55V
.75V
IFM = 5A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
          
MCC
ITO-220AB
TJ = 25
°C
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.583
.642
14.80
1
6.30
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

IR
1080FCT-10100FCT
.85V
O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
0.1mA
TC = 25
°C
50mA
TC = 100
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1030
FCT MBR1030FCT
30V
21V
30V
MBR1040
FCT MBR1040FCT
40V
2
8V
40V
MBR1020
FCT MBR1020FCT
20V
14V
20V
MBR10
45FCT MBR1045FCT
45V
31.5V
45V
MBR10100
FCT MBR10100FCT
100V
70V
100V
MBR1050
FCT MBR1050FCT
50V
35V
50V
MBR1060
FCT MBR1060FCT
60V
42V
60V
MBR1080
FCT MBR1080FCT
80V
56V
80V
Revision:
6
20
10/01/05
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Low Power Loss
High Efficiency
Low Forward Voltage , High Current Capability
High surge capacity
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR1045FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1045FCT MCC-MBR1045FCT Datasheet
664Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Dongguan City Niuhang E...
MBR1045FCT NIUHANG-MBR1045FCT Datasheet
462Kb / 4P
   SCHOTTKY RECTIFIERS
logo
Pan Jit International I...
MBR1045FCT PANJIT-MBR1045FCT Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MBR1045FCT YFWDIODE-MBR1045FCT Datasheet
905Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1045FCT KERSEMI-MBR1045FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1045FCT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020CT MCC-MBRF1020CT Datasheet
390Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1050 KERSEMI-MBRF1050 Datasheet
459Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1020F MCC-MBR1020F Datasheet
382Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT Datasheet
664Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com