Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5927 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA5927
Description  1.5 Watts Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA5927 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1SMA5927 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA5927 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA5927 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA5927 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (1SMA5926 THRU 1SMA5956)
FIG.5 CAPACITANCE CURVE
10
100
1000
1
10
100
BREAKDOWN VOLTAGE (V)
TA=25℃
MEASURED@
ZERO BIAS
MEASURED @
Vz/2
FIG. 6 TYPICAL PULSE RATING CURVE
0.01
0.1
1
10
0.01
0.1
1
10
Tp. PULSE WIDTH (ms)
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, TA=25℃
FIG. 7 PULSE WAVEFORM
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T, TIME(ms)
10us
PEAK
VALUE
HALF VALUE - Ipp/2
TA=25℃
PW(ID) IS DEFINED AS THE POINT
WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp
10/1000 us WAVEFORM
AS DEFINED BY R.E.A.
td
FIG. 8 PULSE WAVEFORM
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
T, TIME(ms)
0.9 IPEAK
T = 8us
0.5 IPEAK
0.1 IPEAK
8/20 us WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801.5


Similar Part No. - 1SMA5927

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SMA5927 ETC-1SMA5927 Datasheet
87Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Continental Device Indi...
1SMA5927 CDIL-1SMA5927 Datasheet
231Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5927 TSC-1SMA5927 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA5927 PANJIT-1SMA5927 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA5927 PANJIT-1SMA5927 Datasheet
127Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA5927

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
Micro Commercial Compon...
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5930B-TP MCC-SMBJ5930B-TP Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5913 MICROSEMI-SMBG5913 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
Micro Commercial Compon...
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com