Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS20 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS20
Description  Surface Mount Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS20 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19 / BAS20
Surface Mount Fast Switching Diode
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
SOT-23
Features
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
BAS19 Marking: JP
BAS20 Marking: JR
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
BAS19
BAS20
Units
Working Peak Reverse Voltage
DC Blocking Voltage
VRM
100
150
V
Average Rectifier Output Current
Io
200
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air
RθJA
500
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Reverse Breakdown Voltage
BAS19 IR=100uA
BAS20 IR=100uA
VR(BR)
100
150
V
Peak Reverse Current
BAS19 VR=100V
BAS20 VR=150V
IR
-
0.1
uA
Forward Voltage
IF=100mA
IF= 200mA
VF
-
1.0
1.25
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
5
pF
Reverse Recovery Time
IF=IR=30mA, Irr=0.1 x IR,
trr
-
50
nS
Version: A07
Preliminary


Similar Part No. - BAS20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20 PANJIT-BAS20 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Sangdest Microelectroni...
BAS20 SMC-BAS20 Datasheet
134Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotec Semiconductor
BAS20 DIOTEC-BAS20 Datasheet
180Kb / 2P
   Surface Mount Silicon Planar Small-Signal Diode
logo
Vishay Siliconix
BAS20 VISHAY-BAS20 Datasheet
93Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 13-Feb-18
logo
Taiwan Semiconductor Co...
BAS20 TSC-BAS20 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
More results

Similar Description - BAS20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com