Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21ARFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS21ARFG
Description  225mW SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS21ARFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS21ARFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS21ARFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS21ARFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS21 / A / C / S
225mW SMD Switching Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :SOT-23 small outline plastic package
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.043
Package
Packing
Marking
SOT-23
3K / 7" Reel
JS
SOT-23
3K / 7" Reel
JS2
SOT-23
3K / 7" Reel
JS3
SOT-23
3K / 7" Reel
JS4
SOT-23
3K / 7" Reel
JS
SOT-23
3K / 7" Reel
JS2
SOT-23
3K / 7" Reel
JS3
SOT-23
3K / 7" Reel
JS4
Maximum Ratings
Notes:1. Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load (JEDEC Method) Pulse Width=1 μsec
Notes:2. Valid provided that electrodes are kept at ambient temperature
°C
V
-55 to + 150
625
1
500
mA
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Fast switching speed
Unit (mm)
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
B
C
Features
Mechanical Data
Unit (inch)
A
D
E
F
Maximum Ratings and Electrical Characteristics
High temperature soldering guaranteed: 260°C/10s
Weight : 0.008gram (approximately)
G
Pin Configuration
Ordering Information
Part No.
Marking Code : JS,JS2,JS3,JS4
Power Dissipation
0.550 REF
0.022 REF
PD
225
Suggested PAD Layout
BAS21C RFG
BAS21 RF
BAS21A RF
Repetitive Peak Forward Current
IFRM
Mean Forward Current
IO
Non-Repetitive Peak Forward Surge Current (Note 1)
Units
mW
250
200
mA
Symbol
Type Number
Value
VRRM
SOT-23
Junction and Storage Temperature Range
TJ, TSTG
IFSM
A
Thermal Resistance (Junction to Ambient)
(Note 2)
RθJA
°C/W
BAS21C RF
BAS21S RF
BAS21S RFG
Repetitive Peak Reverse Voltage
BAS21 RFG
BAS21A RFG
Rating at 25°C ambient temperature unless otherwise specified.
BAS21
BAS21S
BAS21C
BAS21A
B
A
C
D
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
F
E
G
Version : C10


Similar Part No. - BAS21ARFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS21ARF TSC-BAS21ARF Datasheet
80Kb / 2P
   225mW SMD Switching Diode
More results

Similar Description - BAS21ARFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
   225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
Taiwan Semiconductor Co...
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
   225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
   225mW, SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
   225mW SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
   225mW SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com