Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C16 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # AZ23C16
Description  300mW, Dual SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

AZ23C16 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  AZ23C16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd AZ23C16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd AZ23C16 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd AZ23C16 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZ23C2V7-AZ23C51
300mW, Dual SMD Zener Diode
Small Signal Diode
Tape & Reel specification
Tape width
Embossment center
Overall tape thickness
Punch hole position
Sprocke hole pitch
W
8.10 ±0.20
P0
4.00 ±0.10
P1
2.00 ±0.05
T
0.229 ±0.013
13.0 ± 0.20
Sprocke hole position
E
1.75 ±0.10
D1
55 Min
Feed hole width
Carrier length
B
2.77 ±0.10
Dimension(mm)
Carrier width
A
Item
Symbol
Reel inner diameter
Carrier depth
C
D
d
Reel outside diameter
Sprocket hole
Reel width
W1
12.30 ±0.20
3.15 ±0.10
F
3.50 ±0.05
1.22 ±0.10
1.50 ± 0.10
178 ± 1
D2
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version : B10


Similar Part No. - AZ23C16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C16 VISHAY-AZ23C16 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C16 JIANGSU-AZ23C16 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C16 DIODES-AZ23C16 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Diode Semiconductor Kor...
AZ23C16 DSK-AZ23C16 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diodes Incorporated
AZ23C16 DIODES-AZ23C16 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results

Similar Description - AZ23C16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com