Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10150FCT Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MBR10150FCT
Description  10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR10150FCT Datasheet(HTML) 3 Page - Micro Commercial Components

  MBR10150FCT Datasheet HTML 1Page - Micro Commercial Components MBR10150FCT Datasheet HTML 2Page - Micro Commercial Components MBR10150FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: 6
2010/01/05
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by
Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold
Micro Commercial Components Corp . and all the companies whose
Ordering Information
Device
Packing
(Part Number)-BP
Bulk;1Kpcs/Box
4


Similar Part No. - MBR10150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150FCT MCC-MBR10150FCT Datasheet
771Kb / 3P
   10 Am p High Voltage Power Schottky Barrier Rectifier 150 Volts
logo
PACELEADER INDUSTRIAL
MBR10150FCT PACELEADER-MBR10150FCT Datasheet
355Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 150V
logo
Compact Technology Corp...
MBR10150FCT CTC-MBR10150FCT Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Dongguan City Niuhang E...
MBR10150FCT NIUHANG-MBR10150FCT Datasheet
462Kb / 4P
   SCHOTTKY RECTIFIERS
logo
Pan Jit International I...
MBR10150FCT PANJIT-MBR10150FCT Datasheet
96Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR10150FCT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR10150FCT KERSEMI-MBR10150FCT Datasheet
841Kb / 2P
   10 Amp HighVoltage Power Schottky Barrier Rectifier 150 Volts
logo
Micro Commercial Compon...
MBR20200FCT MCC-MBR20200FCT_13 Datasheet
190Kb / 3P
   20 Amp HighVoltage Power Schottky Barrier Rectifier 200 Volts
MBR20200FCT MCC-MBR20200FCT_08 Datasheet
118Kb / 3P
   20 Amp HighVoltage Power Schottky Barrier Rectifier 200 Volts
MBR20120FCT MCC-MBR20120FCT_10 Datasheet
153Kb / 3P
   20 Amp HighVoltage Power Schottky Barrier Rectifier 120 Volts
SR3150 MCC-SR3150 Datasheet
209Kb / 2P
   3 Amp Schottky Barrier Rectifier 150 Volts
SR5150 MCC-SR5150_13 Datasheet
256Kb / 2P
   5 Amp Schottky Barrier Rectifier 150 Volts
SR5150 MCC-SR5150 Datasheet
231Kb / 2P
   5 Amp Schottky Barrier Rectifier 150 Volts
SR1150 MCC-SR1150 Datasheet
221Kb / 3P
   1 Amp Schottky Barrier Rectifier 150 Volts
MBRB30150CT MCC-MBRB30150CT Datasheet
381Kb / 3P
   30 Amp Schottky Barrier Rectifier 150 Volts
MBR30150FCT MCC-MBR30150FCT Datasheet
114Kb / 3P
   30 Amp Schottky Barrier Rectifier 150 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com