Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV20WS
Description  410mW High Voltage SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV20WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV20WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV20WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV20WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV19WS/BAV20WS/BAV21WS
410mW High Voltage SMD Switching Diode
Small Signal Diode
Electrical Characteristics
IF=
100mA
IF=
Junction Capacitance
Tape & Reel specification
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Note 2: Test Condition : IR=100μA
Note 3: Test Condition : BAV19WS @ VR=100V, BAV20WS @ VR=150V, BAV21WS @ VR=200V
Note 4: Test Condition : IF=IR=30mA, RL=100Ω, IRR=3mA
Note 5: A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be
within 0.05 mm min. to 0.5 mm max. The component cannot rote more than 10° within the determined cavity.
Note 6: If B1 exceeds 4.2 mm(0.165'') for 8 mm embossed tape, the tape may not feed through all tape feeders.
W
8.30 Max.
Reel width
W1
14.4 Max
P0
4.00 ±0.10
P1
2.00 ±0.10
Tape width
T
0.6 Max.
13.0 ± 0.5
K
D2
D1
D
E
1.75 ±0.10
50 Min.
F
3.50 ±0.05
Item
Symbol
Dimension(mm)
A
178 ± 1
2.40 Max.
Min
1.5 ± 0.1
250
-
Units
Max
ns
50
-
-
120
-
1.00
-
200
Reverse Recovery Time
(Note 4)
Trr
Symbol
Breakdown Voltage
BAV19W
BAV20W
(Note 2)
BAV21W
V
BAV19W
BAV20W
(Note 3)
BAV21W
nA
V
CJ
-
VF
IR
VR
100
pF
User Direction of Feed
Reverse Leakage Current
Type Number
200mA
-
Forward Voltage
5.0
1.25
VR=0, f=1.0MHz
-
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
A
Version : D10


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Diode Semiconductor Kor...
BAV20WS DSK-BAV20WS Datasheet
335Kb / 3P
   Silicon Epitaxial Planar Diode
logo
SEMTECH ELECTRONICS LTD...
BAV20WS SEMTECH_ELEC-BAV20WS Datasheet
312Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Shenzhen Yixinwei Techn...
BAV20WS YIXIN-BAV20WS Datasheet
544Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
AiT Semiconductor Inc.
BAV20WS AITSEMI-BAV20WS Datasheet
618Kb / 5P
   SWITCHING DIODE SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
REV1.0
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19W TSC-BAV19W_15 Datasheet
235Kb / 4P
   410mW High Voltage SMD Switching Diode
BAV19W TSC-BAV19W_10 Datasheet
213Kb / 3P
   410mW High Voltage SMD Switching Diode
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
logo
Taiwan Semiconductor Co...
B0520LW TSC-B0520LW_10 Datasheet
162Kb / 3P
   410mW, Low VF SMD Schottky Barrier Diode
B0540W TSC-B0540W Datasheet
87Kb / 2P
   410mW, Low VF SMD Schottky Barrier Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
Won-Top Electronics
BZT52C2V4 WTE-BZT52C2V4 Datasheet
60Kb / 5P
   410mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com