Electronic Components Datasheet Search |
|
BC847BRF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
BC847BRF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 3 page BC846A/B, BC847A/B/C, BC848A/B/C 250mW, NPN Small Signal Transistor Small Signal Transistor Electrical Characteristics Units Collector-Base Breakdown Voltage BC846 BC847 BC848 IC= 10μAIE= 0 V Collector-Emitter Breakdown Voltage BC846 BC847 BC848 IC= 10mA IB= 0 V BC846 BC847 BC848 IE= 1μAIC= 0 V VCB= 30V IE= 0 nA VEB= 5V IC=0 μA VCE= 5V IC= 2mA IC= 100mA IB= 5mA V IC= 100mA IB= 5mA V VCE= 5V IC= 10mA f= 100MHz MHz Tape & Reel specification Carrier width Carrier length Carrier depth Sprocket hole Reel outside diameter Reel inner diameter Feed hole width Sprocke hole position Punch hole position Sprocke hole pitch Embossment center Overall tape thickness Tape width Reel width Emitter-Base Breakdown Voltage Collector-Emitter saturation voltage VCE(sat) Base-Emitter saturation voltage VBE(sat) 0.5 1.1 178 ± 1 d D C 2.77 ±0.10 1.22 ±0.10 55 Min Item Symbol Dimension(mm) A B 3.15 ±0.10 1.50 ± 0.10 Type Number 80 50 30 Symbol V(BR)CBO 220 450 800 -15 Min Max 65 45 30 Transition frequency W1 P0 P1 100 fT - T D1 D2 ICBO V(BR)CEO V(BR)EBO 12.30 ±0.20 8.10 ±0.20 W 4.00 ±0.10 E F - 13.0 ± 0.20 1.75 ±0.10 3.50 ±0.05 - - - - 6 6 5 0.1 BC846A, BC847A, BC848A DC current gain BC846B, BC847B, BC848B BC847C, BC848C 2.00 ±0.05 0.229 ±0.013 Collector Cut-off Current IEBO - 110 200 420 hFE Emitter Cut-off Current W1 D1 D2 D T C d P1 P0 A B F W E Direction of Feed Top Cover Tape Carieer Tape Any Additional Label (If Required) TSC label Version : E11 |
Similar Part No. - BC847BRF |
|
Similar Description - BC847BRF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |