Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZS55B3V3 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZS55B3V3
Description  500mW,2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZS55B3V3 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZS55B3V3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZS55B3V3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZS55B3V3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZS55B2V4~BZS55B36
500mW,2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.5V Maximum @ IF = 200 mA for all part numbers
Nom
Min
Max
BZS55B2V4
2V4
2.4
2.35
2.45
5
85
1.0
600
50
1.0
BZS55B2V7
2V7
2.7
2.65
2.75
5
85
1.0
600
10
1.0
BZS55B3V0
3
3.0
2.94
3.06
5
85
1.0
600
4
1.0
BZS55B3V3
3V3
3.3
3.23
3.37
5
85
1.0
600
2
1.0
BZS55B3V6
3V6
3.6
3.53
3.67
5
85
1.0
600
2
1.0
BZS55B3V9
3V9
3.9
3.82
3.98
5
85
1.0
600
2
1.0
BZS55B4V3
4V3
4.3
4.21
4.39
5
80
1.0
600
1
1.0
BZS55B4V7
4V7
4.7
4.61
4.79
5
70
1.0
600
0.5
1.0
BZS55B5V1
5V1
5.1
5.00
5.20
5
50
1.0
550
0.1
1.0
BZS55B5V6
5V6
5.6
5.49
5.71
5
30
1.0
450
0.1
1.0
BZS55B6V2
6V2
6.2
6.08
6.32
5
10
1.0
200
0.1
2.0
BZS55B6V8
6V8
6.8
6.66
6.94
5
8
1.0
150
0.1
3.0
BZS55B7V5
7V5
7.5
7.35
7.65
5
7
1.0
50
0.1
5.0
BZS55B8V2
8V2
8.2
8.04
8.36
5
7
1.0
50
0.1
6.2
BZS55B9V1
9V1
9.1
8.92
9.28
5
10
1.0
50
0.1
6.8
BZS55B10
10
10
9.80
10.20
5
15
1.0
70
0.1
7.5
BZS55B11
11
11
10.78
11.22
5
20
1.0
70
0.1
8.2
BZS55B12
12
12
11.76
12.24
5
20
1.0
90
0.1
9.1
BZS55B13
13
13
12.74
13.26
5
26
1.0
110
0.1
10.0
BZS55B15
15
15
14.70
15.30
5
30
1.0
110
0.1
11.0
BZS55B16
16
16
15.68
16.32
5
40
1.0
170
0.1
12.0
BZS55B18
18
18
17.64
18.36
5
50
1.0
170
0.1
13.0
BZS55B20
20
20
19.60
20.40
5
55
1.0
220
0.1
15.0
BZS55B22
22
22
21.56
22.44
5
55
1.0
220
0.1
16.0
BZS55B24
24
24
23.52
24.48
5
80
1.0
220
0.1
18.0
BZS55B27
27
27
26.46
27.54
5
80
1.0
220
0.1
20.0
BZS55B30
30
30
29.40
30.60
5
80
1.0
220
0.1
22.0
BZS55B33
33
33
32.34
33.66
5
80
1.0
220
0.1
24.0
BZS55B36
36
36
35.28
36.72
5
80
1.0
220
0.1
27.0
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances,
Device
Marking
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the
DC zener current
Part Number
ZZT @ IZT(Ω)
Max
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
Version : A11


Similar Part No. - BZS55B3V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZS55C10 TSC-BZS55C10 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C11 TSC-BZS55C11 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C12 TSC-BZS55C12 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C13 TSC-BZS55C13 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C15 TSC-BZS55C15 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
More results

Similar Description - BZS55B3V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com