Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C18P Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZD27C18P
Description  0.8 Watts Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZD27C18P Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZD27C18P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZD27C18P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZD27C18P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZD27C18P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:O11
RATINGS AND CHARACTERISTIC CURVES (BZD27C SERIES)
FIG.3 POWER DISSIPATION vs
AMBIENT TEMPERATURE
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE(
oC)
SEPOINT TEMPERATURE
AMBIENT TEMPERATURE
FIG. 2 TYP. DIODE CAPACITANCE vs
REVERSE VOLTAGE
10
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
REVERSE VOLTAGE
C12P
C27P
C200P
FIG. 1 TYPICAL FORWARD CHARACTERISTICS
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
FORWARD VOLTAGE (V)
TYP. VF
MAX. VF
FIG. 4 MAXIMUM PULSE POWER DISSPATION vs
ZENER VOLTAGE
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
175
200
225
250
ZENER VOLTAGE (V)


Similar Part No. - BZD27C18P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C18P VAISH-BZD27C18P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C18P SUNMATE-BZD27C18P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C18P TSC-BZD27C18P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C18P TSC-BZD27C18P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C18P TSC-BZD27C18P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C18P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD17C TSC-BZD17C Datasheet
449Kb / 3P
   0.8 Watts Voltage Regulator Diodes
BZD27C TSC-BZD27C_11 Datasheet
206Kb / 4P
   1.0 Watts Voltage Regulator Diodes
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com