Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848BRFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC848BRFG
Description  250mW, NPN Small Signal Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC848BRFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC848BRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC848BRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC848BRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC846A/B, BC847A/B/C, BC848A/B/C
250mW, NPN Small Signal Transistor
Small Signal Transistor
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT- 23 small outline plastic package
2.80
3.00
0.110 0.118
1.20
1.40
0.047 0.055
0.30
0.50
0.012 0.020
1.80
2.00
0.071 0.079
2.25
2.55
0.089 0.100
0.90
1.20
0.035 0.043
Package
Packing
Marking
SOT-23
3K / 7" Reel
1A
SOT-23
3K / 7" Reel
1B
SOT-23
3K / 7" Reel
1E
SOT-23
3K / 7" Reel
1F
SOT-23
3K / 7" Reel
1G
SOT-23
3K / 7" Reel
1J
SOT-23
3K / 7" Reel
1K
SOT-23
3K / 7" Reel
1L
SOT-23
3K / 7" Reel
1A
SOT-23
3K / 7" Reel
1B
SOT-23
3K / 7" Reel
1E
SOT-23
3K / 7" Reel
1F
SOT-23
3K / 7" Reel
1G
SOT-23
3K / 7" Reel
1J
SOT-23
3K / 7" Reel
1K
SOT-23
3K / 7" Reel
1L
Maximum Ratings
BC846
BC847
BC848
BC846
BC847
BC848
BC846
BC847
BC848
Notes:1. Valid provided that electrodes are kept at ambient temperature
Units
°
C
0.1
-55 to + 150
A
mW
V
Ordering Information
Part No.
BC846A RF
BC846B RF
Junction and Storage Temperature Range
TJ, TSTG
VEBO
Collector Current
IC
Emitter-Base Voltage
High temperature soldering guaranteed: 260°C/10s
F
D
E
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
A
Rating at 25°C ambient temperature unless otherwise specified.
B
Power Dissipation
PD
BC847A RF
BC847B RF
BC847C RF
BC848A RF
Value
BC846A RFG
Suggested PAD Layout
V
V
65
45
30
80
50
30
BC848C RF
BC846B RFG
BC847A RFG
BC847B RFG
Unit (mm)
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
6
6
5
250
Collector-Base Voltage
Collector-Emitter Voltage
VCBO
VCEO
Unit (inch)
Dimensions
SOT-23
Type Number
Symbol
Epitaxial planar die construction
BC848B RF
Weight : 0.008gram (approximately)
Maximum Ratings and Electrical Characteristics
C
BC847C RFG
BC848A RFG
BC848B RFG
BC848C RFG
B
A
C
D
F
E
2 Emitter
3 Collector
1 Base
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
Version : E11


Similar Part No. - BC848BRFG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC848B PHILIPS-BC848B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Galaxy Semi-Conductor H...
BC848B BILIN-BC848B Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC848B TSC-BC848B Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
BC848B UMW-BC848B Datasheet
439Kb / 3P
   TRANSISTOR (NPN)
logo
Shenzhen Jin Yu Semicon...
BC848B HTSEMI-BC848B Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results

Similar Description - BC848BRFG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
   NPN Small Signal Transistor 250mW
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
   250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
   Small Signal Diodes 250mW
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com