Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BRF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC856BRF
Description  250mW, PNP Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC856BRF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC856BRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC856BRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC856BRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC856BRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC856A/B, BC857A/B/C, BC858A/B/C
250mW, PNP Small Signal Transistor
Small Signal Transistor
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
BC856
BC857
BC858
IC= -10μAIE= 0
V
Collector-Emitter Breakdown Voltage
BC856
BC857
BC858
IC= -10mA IB= 0
V
IE= -1μAIC= 0
V
VCB= -30V IE= 0
nA
VEB= -5V
IC=0
μA
VCE= -5V
IC= -2mA
IC= -100mA IB= -5mA
V
IC= -100mA IB= -5mA
V
VCE= -5V
IC= -10mA f= 100MHz
MHz
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
BC856A, BC857A, BC858A
DC current gain
BC856B, BC857B, BC858B
BC857C, BC858C
2.00 ±0.05
Emitter-Base Breakdown Voltage
0.229 ±0.013
Collector Cut-off Current
IEBO
-
125
220
420
hFE
Emitter Cut-off Current
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
-
-
ICBO
V(BR)CEO
V(BR)EBO
12.30 ±0.20
8.10 ±0.20
W
4.00 ±0.10
E
F
-
-
Transition frequency
W1
P0
P1
100
fT
-
T
D1
D2
-
-5
-0.1
250
475
800
-
-15
Min
Max
Type Number
-80
-50
-30
Symbol
V(BR)CBO
-65
-45
-30
55 Min
Item
Symbol
Dimension(mm)
A
B
3.15 ±0.10
1.50 ± 0.10
-0.65
-1.1
178 ± 1
d
D
C
2.77 ±0.10
1.22 ±0.10
Collector-Emitter saturation voltage
VCE(sat)
Base-Emitter saturation voltage
VBE(sat)
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label


Similar Part No. - BC856BRF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
GUANGDONG HOTTECH INDUS...
BC856B HOTTECH-BC856B Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Rectron Semiconductor
BC856B RECTRON-BC856B Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
Infineon Technologies A...
BC856B INFINEON-BC856B Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Similar Description - BC856BRF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
   250mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
   Small Signal Diodes 250mW
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com