Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C5V1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C5V1
Description  500mW,5% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C5V1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX79C5V1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C5V1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C5V1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C5V1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX79C2V4-BZX79C75
500mW,5% Tolerance Zener Diode
Small Signal Diode
Vz Tolerance Selection of ±5%
Designed for through-Hole Device Type Mounting
Min
Max
Min
Max
Case :DO-35 package (SOD-27)
0.45
0.55 0.018 0.022
Lead:Axial leads,solderable per
3.05
5.08 0.120 0.201
MIL-STD-202,Method 2025
25.40 38.10 1.000 1.500
High temperature soldering guaranteed: 260°C/10s
1.53
2.28 0.060 0.090
Polarity:Indicated by cathode band
Weight : 109±4 mg
Part No.
Package code
Package
BZX79C2V4-75
A0
DO-35
BZX79C2V4-75
R0
DO-35
Maximum Ratings
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
Zener I vs.V Characteristics
Maximum Forward Voltage @IF=100mA
VF
1.5
V
Storage Temperature Range
-65 to + 175
300
Thermal Resistance (Junction to Ambient) (Note 1)
°C/W
HERMETICALLY SEALED GLASS
Features
Unit (mm)
Unit (inch)
Wide zener voltage range selection:2.4V to 75V
stability and protection against junction contamination
High reliability glass passivation insuring parameter
Hermetically Sealed Glass
Pb free version and RoHS compliant
Mechanical Data
A
Value
Packing
5Kpcs / Ammo
10Kpcs / 14" Reel
Ordering Information
RθJA
°C
TJ,TSTG
DO-35 Axial Lead
500
B
Dimensions
D
Rating at 25°C ambient temperature unless otherwise specified.
mW
Type Number
C
Units
PD
Power Dissipation
Symbol
Maximum Ratings and Electrical Characteristics
A
B
C
D
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
Version : B11


Similar Part No. - BZX79C5V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C5V1 FAIRCHILD-BZX79C5V1 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C5V1 TSC-BZX79C5V1 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C5V1 FAIRCHILD-BZX79C5V1 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C5V1 CDIL-BZX79C5V1 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C5V1 FAIRCHILD-BZX79C5V1 Datasheet
47Kb / 5P
   Zeners
More results

Similar Description - BZX79C5V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com