Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZS55B30 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZS55B30
Description  500mW,2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZS55B30 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZS55B30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZS55B30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZS55B30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZS55B2V4~BZS55B36
500mW,2% Tolerance SMD Zener Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
0.001
0.01
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
20
40
60
80
100
04
8
12
16
20
Ta=25°C
0
100
200
300
400
500
600
0
30
60
90
120
150
180
Ta=25°C
Ta=150°C
Ta=25°C
FIG 5 Typical Capacitance
0
40
80
120
160
200
0
5
10
15
20
25
Zener Voltage (V)
Forward Voltage (V)
FIG 2 Zener Breakdown Characteristics
Zener Voltage (V)
FIG 4 Admissible Power Disspation Curve
Ambient Tempeture (°C)
0
10
20
30
40
50
15
20
25
30
35
FIG 3 Zener Breakdown
Zener Voltage (V)
Version : A11


Similar Part No. - BZS55B30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZS55C10 TSC-BZS55C10 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C11 TSC-BZS55C11 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C12 TSC-BZS55C12 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C13 TSC-BZS55C13 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
BZS55C15 TSC-BZS55C15 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
More results

Similar Description - BZS55B30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com