Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C36 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55C36
Description  500mW,5% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55C36 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZV55C36 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55C36 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55C36 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55C36 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZV55C2V4-BZV55C75
500mW,5% Tolerance Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.0V Maximum @ IF = 100 mA for all part numbers
Min
Nom
Max
BZV55C2V4
2.28
2.4
2.52
5
85
1.0
600
50
1.0
BZV55C2V7
2.57
2.7
2.84
5
85
1.0
600
10
1.0
BZV55C3V0
2.85
3.0
3.15
5
85
1.0
600
4
1.0
BZV55C3V3
3.14
3.3
3.47
5
85
1.0
600
2
1.0
BZV55C3V6
3.42
3.6
3.78
5
85
1.0
600
2
1.0
BZV55C3V9
3.71
3.9
4.10
5
85
1.0
600
2
1.0
BZV55C4V3
4.09
4.3
4.52
5
75
1.0
600
1
1.0
BZV55C4V7
4.47
4.7
4.94
5
60
1.0
600
0.5
1.0
BZV55C5V1
4.85
5.1
5.36
5
35
1.0
550
0.1
1.0
BZV55C5V6
5.32
5.6
5.88
5
25
1.0
450
0.1
1.0
BZV55C6V2
5.89
6.2
6.51
5
10
1.0
200
0.1
2.0
BZV55C6V8
6.46
6.8
7.14
5
8
1.0
150
0.1
3.0
BZV55C7V5
7.13
7.5
7.88
5
7
1.0
50
0.1
5.0
BZV55C8V2
7.79
8.2
8.61
5
7
1.0
50
0.1
6.2
BZV55C9V1
8.65
9.1
9.56
5
10
1.0
50
0.1
6.8
BZV55C10
9.50
10
10.50
5
15
1.0
70
0.1
7.5
BZV55C11
10.45
11
11.55
5
20
1.0
70
0.1
8.2
BZV55C12
11.40
12
12.60
5
20
1.0
90
0.1
9.1
BZV55C15
14.25
15
15.75
5
30
1.0
110
0.1
11
BZV55C16
15.20
16
16.80
5
40
1.0
170
0.1
12
BZV55C18
17.10
18
18.90
5
50
1.0
170
0.1
13
BZV55C20
19.00
20
21.00
5
55
1.0
220
0.1
15
BZV55C22
20.90
22
23.10
5
55
1.0
220
0.1
16
BZV55C24
22.80
24
25.20
5
80
1.0
220
0.1
18
BZV55C27
25.65
27
28.35
5
80
1.0
220
0.1
20
BZV55C30
28.50
30
31.50
5
80
1.0
220
0.1
22
BZV55C33
31.35
33
34.65
5
80
1.0
220
0.1
24
BZV55C36
34.20
36
37.80
5
80
1.0
220
0.1
27
BZV55C39
37.05
39
40.95
2.5
90
0.5
500
0.1
28
BZV55C43
40.85
43
45.15
2.5
90
0.5
600
0.1
32
BZV55C47
44.65
47
49.35
2.5
110
0.5
700
0.1
35
BZV55C51
48.45
51
53.55
2.5
125
0.5
700
0.1
38
BZV55C56
53.20
56
58.80
2.5
135
0.5
1000
0.1
42
BZV55C62
58.90
62
65.10
2.5
150
0.5
1000
0.1
47
BZV55C68
64.60
68
71.40
2.5
160
0.5
1000
0.1
51
BZV55C75
71.25
75
78.75
2.5
170
0.5
1000
0.1
56
Notes:
1. The Zener Voltage (
VZ) is tested under pulse condition of 10ms
2. The device numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the DC zener current
(
IZT or IZK) is superimposed to IZT or IZK.
Part Number
ZZT @ IZT(Ω)
Max
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances,
contact your nearest
Taiwan semiconductor representative.
Version : C11


Similar Part No. - BZV55C36

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C36 CDI-DIODE-BZV55C36 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C36 MICROSEMI-BZV55C36 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C36 CENTRAL-BZV55C36 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C36 CDIL-BZV55C36 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C36 EIC-BZV55C36 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C36

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com