Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C30 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84C30
Description  350mW Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84C30 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX84C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
Number
Marking
IZT
(Note 1)
Code
ZZT @ IZT
IR
VR
Nom (V) Min (V) Max (V)
mA
Ohms
Ohms
mA
uA
V
Min
Max
BZX84C2V4
Z11
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7
Z12
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0
Z13
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3
Z14
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6
Z15
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9
Z16
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3
Z17
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0.0
BZX84C4V7
Z1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1
Z2
5.1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6
Z3
5.6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2
Z4
6.2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8
Z5
6.8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5
Z6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2
Z7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.1
BZX84C9V1
Z8
9.1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10
Z9
10
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11
Y1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12
Y2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
Y3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
Y4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
Y8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
Y9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
Y10
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
Y11
30
28
32
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33
Y12
33
31
35
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
Y13
36
34
38
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
Y14
39
37
41
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300us pulse width, period = 5ms.
3. f = 1KHz.
Version: A07
Typical Temerature
Zener Voltage Range (Note 2)
Maximum Zener
Maximum Reverse
Coefficient
ZZK @ IZK
mV /
oC
Vz @ Izt
Impedance (Note 3)
Current
@ IZT


Similar Part No. - BZX84C30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C30 VISHAY-BZX84C30 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX84C30 ZSELEC-BZX84C30 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
BZX84C30 HTSEMI-BZX84C30 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Jiangsu Changjiang Elec...
BZX84C30 JIANGSU-BZX84C30 Datasheet
134Kb / 3P
   Plastic-Encapsulate Diode
logo
UN Semiconducctor INC
BZX84C30 UNSEMI-BZX84C30 Datasheet
3Mb / 7P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results

Similar Description - BZX84C30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com