Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C51 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C51
Description  500mW,5% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C51 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX79C51 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C51 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C51 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C51 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZX79C2V4-BZX79C75
500mW,5% Tolerance Zener Diode
Small Signal Diode
Tape & Reel specification
260+/-3
48+/-1
20+/-0.5
72+3/-1
0.55(MAX)
0.69(MAX)
3.2Min
0
52.0+/-0.69
5.08+/-0.40
+/-0.69
1.2 Max
H
G
F
E
W1
D2
D1
D
Reel outside diameter
Reel inner diameter
Feed hole width
Reel width
Tape Mismatch
Glass offset
Taped lead
lead beyond tape
Symbol
Dimension(mm)
Untaped lead
Bent
K
L1-L2
C
B
A
64+1.69/-0.69
Tape spacing
Component Pitch
Item
Overall width
E
L2
L1
F
G
H
B
A
C
K
W1
D1
D2
D
Version : B11


Similar Part No. - BZX79C51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BZX79C51 MOTOROLA-BZX79C51 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
New Jersey Semi-Conduct...
BZX79C51 NJSEMI-BZX79C51 Datasheet
132Kb / 2P
   ZENER DIODES
logo
Fairchild Semiconductor
BZX79C51 FAIRCHILD-BZX79C51 Datasheet
47Kb / 5P
   Zeners
logo
Taiwan Semiconductor Co...
BZX79C51 TSC-BZX79C51 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
EIC discrete Semiconduc...
BZX79C51 EIC-BZX79C51 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C51

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com