Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20150CT Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MBR20150CT
Description  20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20150CT Datasheet(HTML) 3 Page - Micro Commercial Components

  MBR20150CT_07 Datasheet HTML 1Page - Micro Commercial Components MBR20150CT_07 Datasheet HTML 2Page - Micro Commercial Components MBR20150CT_07 Datasheet HTML 3Page - Micro Commercial Components MBR20150CT_07 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
Typical values
Tj=125°C
Fig. 7: Forward voltage drop versus forward
current (maximum values, per diode).
0
2
4
6
8
101214
161820
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
Fig. 8: Thermal resistance junction to ambient versus
copper surface under tab (Epoxy printed circuit board,
copper thickness: 35µm) (STPS20150CG only).
MBR20150CT
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: 4
2007/07/18


Similar Part No. - MBR20150CT_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR20150CT-E1 DIODES-MBR20150CT-E1 Datasheet
367Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Comchip Technology
MBR20150CT-G COMCHIP-MBR20150CT-G Datasheet
72Kb / 3P
   SMD Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR20150CT-G1 DIODES-MBR20150CT-G1 Datasheet
367Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Shenzhen Luguang Electr...
MBR20150CT-J LUGUANG-MBR20150CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR20150CT-LJ DIODES-MBR20150CT-LJ Datasheet
484Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR20150CT_07

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150FCT MCC-MBR20150FCT Datasheet
142Kb / 4P
   20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Kersemi Electronic Co.,...
MBR20150CT KERSEMI-MBR20150CT Datasheet
994Kb / 2P
   20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Micro Commercial Compon...
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
   20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Kersemi Electronic Co.,...
MBR20150FCT KERSEMI-MBR20150FCT Datasheet
1Mb / 3P
   20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Micro Commercial Compon...
MBR10150CT MCC-MBR10150CT Datasheet
650Kb / 3P
   10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
MBR10150 MCC-MBR10150 Datasheet
188Kb / 3P
   10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Kersemi Electronic Co.,...
MBR10150 KERSEMI-MBR10150 Datasheet
1Mb / 3P
   10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Micro Commercial Compon...
MBR10150CT MCC-MBR10150CT_08 Datasheet
236Kb / 4P
   10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Shanghai Lunsure Electr...
MBR10150CT CHENYI-MBR10150CT Datasheet
244Kb / 4P
   10Amp high voltage power schottky barrier rectifier 150volts
logo
Micro Commercial Compon...
MBR20200CT MCC-MBR20200CT Datasheet
393Kb / 2P
   20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com