Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBSAC5.0 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMBSAC5.0
Description  Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBSAC5.0 Datasheet(HTML) 3 Page - Micro Commercial Components

  SMBSAC5.0_11 Datasheet HTML 1Page - Micro Commercial Components SMBSAC5.0_11 Datasheet HTML 2Page - Micro Commercial Components SMBSAC5.0_11 Datasheet HTML 3Page - Micro Commercial Components SMBSAC5.0_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Ratings and
Characteristic Curves (T
a=25
unless otherwise specified)
0.1
1
10
100
0.1us
1.0us
10us
100us
1.0ms
10ms
td - Pulse Width
Non-repetitive Pulse
Waveform shown in Fig. 3
TA=25°C
30
Pig.1 - Peak Pulse Power Rating Curve
Current Waveforms
Square
PPK
td=7tp
td
td
PPK
Half Sine
Impulse
td
PPK".5"
Exponential
Decay
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
3.0
0
4.0
50
Half Value- IPPM
2
t - Time(ms)
100
Low Capacitance
TVS
Fig. 4 - AC Line Protection Application
Application Note:
Device must be used
with two units in parallel,opposite in polarity
as shown in circuit for AC signal line
protection.
0
25
50
75
87.5
100
0
25
50
75
100
125
150
175
Fig.2-Power Derating Curve
TL Lead Temperature (°C)
Average Power
Peak Power
(single pulse)
°C
M C C
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
3 of 4


Similar Part No. - SMBSAC5.0_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBSAC5.0 MCC-SMBSAC5.0 Datasheet
787Kb / 4P
   Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt
More results

Similar Description - SMBSAC5.0_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBSAC5.0 MCC-SMBSAC5.0 Datasheet
787Kb / 4P
   Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt
logo
ON Semiconductor
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
CM1250-04QF ONSEMI-CM1250-04QF Datasheet
102Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 3
CM1248-04QG ONSEMI-CM1248-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1248-08DE ONSEMI-CM1248-08DE_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
logo
Shanghai Leiditech Elec...
SACA5.0 LEIDITECH-SACA5.0 Datasheet
624Kb / 3P
   Low Capacitance Transient Voltage Suppressors
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
   LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
logo
Frontier Electronics.
LCP6KE6.8 FRONTIER-LCP6KE6.8 Datasheet
123Kb / 2P
   LOW CAPACITANCE 600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
   LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com