Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HERF1607G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HERF1607G
Description  16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HERF1607G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HERF1607G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HERF1607G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (HERF1601G THRU HERF1608G)
FIG.1 FORWARD CURRENT DERATING CURVE
0
4
8
12
16
20
0
25
50
75
100
125
150
175
CASE TEMPERATURE (
oC)
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
0
25
50
75
100
125
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
0
40
80
120
160
200
240
1
10
100
1000
REVERSE VOLTAGE (V)
HERF1606G-1608G
HERF1601G-1605G
TA=25℃
FIG. 5 TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
HERF1606G-1608G
HERF1605G
HERF1601G-1604G
TA=25℃


Similar Part No. - HERF1607G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1607G TSC-HERF1607G Datasheet
64Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERF1607G TSC-HERF1607G Datasheet
344Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERF1607G LUGUANG-HERF1607G Datasheet
225Kb / 2P
   Isolated 16.0AMP.Glass Passivated High Efficient Rectifiers
logo
Thinki Semiconductor Co...
HERF1607G THINKISEMI-HERF1607G Datasheet
671Kb / 2P
   16Ampere Insulated Dual Common Cathode High Efficiency Rectifiers
HERF1607GA THINKISEMI-HERF1607GA Datasheet
655Kb / 2P
   16Ampere Insulated Dual Common Anode High Efficiency Rectifiers
More results

Similar Description - HERF1607G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF1601G TSC-HERAF1601G_12 Datasheet
206Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_11 Datasheet
201Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_13 Datasheet
374Kb / 3P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_11 Datasheet
263Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
   16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
HERAF801G TSC-HERAF801G_12 Datasheet
205Kb / 2P
   8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERF1001G TSC-HERF1001G_11 Datasheet
187Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
   Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HERAF1001G TSC-HERAF1001G_12 Datasheet
205Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com