Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8012 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8012
Description  2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8012 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8012 Datasheet HTML 6Page - Intersil Corporation ISL8012 Datasheet HTML 7Page - Intersil Corporation ISL8012 Datasheet HTML 8Page - Intersil Corporation ISL8012 Datasheet HTML 9Page - Intersil Corporation ISL8012 Datasheet HTML 10Page - Intersil Corporation ISL8012 Datasheet HTML 11Page - Intersil Corporation ISL8012 Datasheet HTML 12Page - Intersil Corporation ISL8012 Datasheet HTML 13Page - Intersil Corporation ISL8012 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
March 17, 2010
FN6616.1
FIGURE 21. LOAD TRANSIENT (PFM), (500µs/DIV)
FIGURE 22. SOFT-START WITH NO LOAD (PWM),
(500µs/DIV)
FIGURE 23. SOFT-START AT NO LOAD (PFM),
(500µs/DIV)
FIGURE 24. SOFT-START WITH PRE-BIASED 1V,
(500µs/DIV)
FIGURE 25. SOFT-START AT FULL LOAD, (2ms/DIV)
FIGURE 26. SOFT-DISCHARGE SHUTDOWN,
(2ms/DIV)
Typical Operating Performance (Unless otherwise noted, operating conditions are: T
A = +25°C,
VVIN = 2.5V to 5.5V, EN = VIN, MODE = 0V, L = 2.2µH,
C1 = 2x10µF, C2 = 2x10µF, IOUT = 0A to 2A). (Continued)
VOUT RIPPLE
50mV/DIV
IL 1A/DIV
LX 2V/DIV
VOUT
0.5V/DIV
IL 0.5A/DIV
EN 5V/DIV
PG 5V/DIV
VOUT
0.5V/DIV
EN 2V/DIV
PG 5V/DIV
IL 0.5A/DIV
VOUT
0.5V/DIV
IL 0.5A/DIV
EN 2V/DIV
PG 5V/DIV
VOUT
0.5V/DIV
IL 1A/DIV
EN 2V/DIV
PG 5V/DIV
VOUT
0.5V/DIV
IL 1A/DIV
EN 5V/DIV
PG 5V/DIV
ISL8012


Similar Part No. - ISL8012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
416Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
June 22, 2012
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - ISL8012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com