Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440A Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL9440A
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL9440A Datasheet HTML 3Page - Intersil Corporation ISL9440A Datasheet HTML 4Page - Intersil Corporation ISL9440A Datasheet HTML 5Page - Intersil Corporation ISL9440A Datasheet HTML 6Page - Intersil Corporation ISL9440A Datasheet HTML 7Page - Intersil Corporation ISL9440A Datasheet HTML 8Page - Intersil Corporation ISL9440A Datasheet HTML 9Page - Intersil Corporation ISL9440A Datasheet HTML 10Page - Intersil Corporation ISL9440A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AN1454.0
September 25, 2009
TABLE 2. BILL OF MATERIALS
ITEM
QTY
PART REFERENCE
VALUE
DESCRIPTION
PART NUMBER
MANUFACTURER
1
1
C1
0.22µF
2
3
CB1, CB2, CB3
0.22µFF CERAMIC CAPS, X5R, 16V
AVX, TDK, Murata
3
1
CFIN1
0.47µF
CERAMIC CAPS, X5R, 35V
AVX, TDK, Murata
4
3
CIN1, CIN2, CIN11
150µF
ALUM. ELEC. CAPS, 35V
Panasonic
5
6
CIN3, CIN4, CIN6, CIN7, CIN8, CIN9
10µF
CERAMIC CAPS, X5R, 35V
AVX, TDK, Murata
6
2
CO11, CO12, CO21, CO22
330µF
POSCAP, 6.3V, ESR 9m
6TPF330M9L
Sanyo
7
5
CO13, CO14, CO23, CO24, CO41
10µF
CERAMIC CAPS, 0805, X5R, 6.3V
AVX, TDK, Murata
8
2
CO31, CO32
150µF
SANYO, OSCON, 16V
Sanyo
9
2
CO33, CO34
10µF
CERAMIC CAPS, X5R, 25V
AVX, TDK, Murata
10
1
CO42
150µF
POSCAP, 6.3V
4TPE100MZB
Sanyo
11
1
CVCC1
4.7µF
CERAMIC CAPS, X5R, 16V
AVX, TDK, Murata
12
2
CFF1, CFF2
220pF
CERAMIC CAPS, NP0, 50V
Generic
13
1
CFF3
330pF
CERAMIC CAPS, NP0, 50V
Generic
14
3
CSS1, CSS2, CSS3
22nF
CERAMIC CAPS, NP0, 50V
Generic
15
1
L1
2.2µH
POWER INDUCTOR
IHLP5050FDER2R2M01 Vishay
16
1
L2
1.5µH
POWER INDUCTOR
IHLP5050FDER1R5M01 Vishay
17
1
L3
3.3µH
POWER INDUCTOR
IHLP5050FDER3R3M01 Vishay
18
3
QL1, QL2, QL3
N MOSFET, 30V
RJK0330DPB
Renesas
19
2
QU1, QU2
N MOSFET, 30V
RJK0305DPB
Renesas
20
1
QU3
N MOSFET, 30V
RJK0332DPB
Renesas
21
1
Q4
P MOSFET, 20V
Si4423DY
Vishay
22
1
R1
105k
Ω RESISTOR, 0603, 1/16W
Generic
23
1
R2
20k
Ω
RESISTOR, 0603, 1/16W
Generic
24
2
R6, R10
10k
Ω
RESISTOR, 0603, 1/16W
Generic
25
1
R3
140k
Ω RESISTOR, 0603, 1/16W
Generic
26
1
R5
47
Ω
RESISTOR, 0603, 1/16W
Generic
27
1
R8
34k
Ω
RESISTOR, 0603, 1/16W
Generic
28
1
R9
21.5k
Ω RESISTOR, 0603, 1/16W
Generic
29
1
R11
10.7k
Ω RESISTOR, 0603, 1/16W
Generic
30
1
RFIN1
4.7
Ω
RESISTOR, 0603, 1/16W
Generic
31
3
ROC1, ROC2, ROC3
169k
Ω RESISTOR, 0603, 1/16W
Generic
32
1
RPG1
100k
Ω RESISTOR, 0603, 1/16W
Generic
33
2
RSEN1, RSEN2
2.0k
Ω
RESISTOR, 0603, 1/16W
Generic
34
1
RSEN3
1.69k
Ω RESISTOR, 0603, 1/16W
Generic
35
1
U1
QUAD OUTPUT CONTROLLER
ISL9440B
Intersil
OPTIONAL COMPONENTS OR RESISTOR JUMPERS
1
1
C2
OPT
Generic
2
3
CL1, CL2, CL3
820pF
CERAMIC CAPS, 0805
Generic
3
0
CIN11,CIN5
OPT
Generic
4
0
CO15, CO25, CO35
OPT
Generic
Application Note 1454


Similar Part No. - ISL9440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440A INTERSIL-ISL9440A Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL9440A INTERSIL-ISL9440A Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440A INTERSIL-ISL9440A Datasheet
1,020Kb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440A INTERSIL-ISL9440A Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL9440A RENESAS-ISL9440A Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL9440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440CEVAL1Z INTERSIL-ISL9440CEVAL1Z Datasheet
1,020Kb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440AEVAL1Z INTERSIL-ISL9440AEVAL1Z Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Analog Devices
ADP1828 AD-ADP1828 Datasheet
845Kb / 32P
   Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com