Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9440A
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9440A Datasheet HTML 1Page - Intersil Corporation ISL9440A Datasheet HTML 2Page - Intersil Corporation ISL9440A Datasheet HTML 3Page - Intersil Corporation ISL9440A Datasheet HTML 4Page - Intersil Corporation ISL9440A Datasheet HTML 5Page - Intersil Corporation ISL9440A Datasheet HTML 6Page - Intersil Corporation ISL9440A Datasheet HTML 7Page - Intersil Corporation ISL9440A Datasheet HTML 8Page - Intersil Corporation ISL9440A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
AN1482.0
June 30, 2009
What’s Inside
The Evaluation Board Kit contains the following materials:
• The ISL9440CEVAL1Z
• The ISL9440B, ISL9440C datasheet
• This EVAL KIT document
Recommended Equipment
The following materials are recommended to perform
testing:
• 0V to 20V Power Supply with at least 10A Source Current
Capability
• Three Electronic Loads Capable of Sinking Current up to 7A
• Digital Multimeters (DMMs)
• 100MHz Quad-Trace Oscilloscope
• Signal Generator (for load transient tests)
Quick Test Guide
1. Ensure that the circuit is correctly connected to the supply
and electronic loads prior to applying any power. Please
refer to Figure 2 for proper set-up.
2. Connect Jumpers J3, J4 and J5 in the ENx positions.
3. Turn on the power supply
4. Adjust input voltage VIN within the specified range and
observe output voltage. The output voltage variation
should be within 3%.
5. Adjust load current within the specified range and
observe output voltage. The output voltage variation
should be within 3%.
6. Use oscilloscope to observe output voltage ripple and
Phase node ringing. For accurate measurement, refer to
Figure 3 for proper test set-up.
Electrical Specifications
Recommended operation conditions unless otherwise noted. Refer to schematic and typical
performance curves.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN
All outputs are in regulation
6.0
12
16
V
VOUT1
0.97
1.00
1.03
V
VOUT2
3.25
3.32
3.4
V
VOUT3
4.85
5.0
5.15
V
VOUT4
2.43
2.50
2.57
V
PWM1 Rated Current
VIN =12V, TA = +25°C, No forced airflow, All three PWM
outputs are fully loaded
67
A
PWM2 Rated Current
67
A
PWM3 Rated Current
45
A
LDO Rated Current
R7 = 0
Ω, R4 is not populated
0.8
1.0
A
VOUT1 Peak-to-Peak Ripple
VIN = 12V, All three PWM outputs are fully loaded,
Oscilloscope is with full bandwidth
19.8
mVP-P
VOUT2 Peak-to-Peak Ripple
59.6
mVP-P
VOUT3 Peak-to-Peak Ripple
66.5
mVP-P
Application Note 1482


Similar Part No. - ISL9440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440A INTERSIL-ISL9440A Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL9440A INTERSIL-ISL9440A Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440A INTERSIL-ISL9440A Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440A INTERSIL-ISL9440A Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL9440A RENESAS-ISL9440A Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL9440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440AEVAL1Z INTERSIL-ISL9440AEVAL1Z Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440BEVAL1Z INTERSIL-ISL9440BEVAL1Z Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Analog Devices
ADP1828 AD-ADP1828 Datasheet
845Kb / 32P
   Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com