Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL405G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBL405G
Description  Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBL405G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBL405G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBL405G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (KBL401G THRU KBL407G)
FIG.1 FORWARD CURRENT DERATING CURVE
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
oC)
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
0
25
50
75
100
125
150
175
200
225
250
1
10
100
1000
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
(JEDEC Method)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
600
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
TA=25℃
FIG. 4 TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
TA=25℃


Similar Part No. - KBL405G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL405G TSC-KBL405G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBL405G LUGUANG-KBL405G Datasheet
222Kb / 2P
   Single Phase 4.0AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL405G TSC-KBL405G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBL405G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBL005 TSC-GBL005_11 Datasheet
136Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
UR4KB60 TSC-UR4KB60 Datasheet
144Kb / 2P
   Single Phase 4.0Amps. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_12 Datasheet
189Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ4005 YANGJIE-GBJ-KBJ4005 Datasheet
287Kb / 2P
   SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 YANGJIE-GBL005 Datasheet
242Kb / 2P
   SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_10 Datasheet
128Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com