Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440C Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9440C
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440C Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9440C Datasheet HTML 1Page - Intersil Corporation ISL9440C Datasheet HTML 2Page - Intersil Corporation ISL9440C Datasheet HTML 3Page - Intersil Corporation ISL9440C Datasheet HTML 4Page - Intersil Corporation ISL9440C Datasheet HTML 5Page - Intersil Corporation ISL9440C Datasheet HTML 6Page - Intersil Corporation ISL9440C Datasheet HTML 7Page - Intersil Corporation ISL9440C Datasheet HTML 8Page - Intersil Corporation ISL9440C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
AN1482.0
June 30, 2009
FIGURE 9. PWM2 OUTPUT RIPPLE UNDER MAX LOAD
(VIN = 12V, IO1 = IO2 = 6A, IO3 = 4A, FULL
BANDWIDTH)
FIGURE 10. PWM3 OUTPUT RIPPLE UNDER MAX LOAD
(VIN = 12V, IO1 = IO2 = 6A, IO3 = 4A, FULL
BANDWIDTH)
FIGURE 11. PWM1 LOAD TRANSIENT RESPONSE
(LOAD STEP FROM 1.5A TO 4.5A)
FIGURE 12. PWM2 LOAD TRANSIENT RESPONSE
(LOAD STEP FROM 1.5A TO 4.5A)
FIGURE 13. PWM3 LOAD TRANSIENT RESPONSE
(LOAD STEP FROM 1A TO 3A)
FIGURE 14. SOFT START WAVEFORMS
Typical Evaluation Board Performance Curves
VIN = 12V, Unless Otherwise Noted. (Continued)
VOUT2(AC), 50mV/DIV
500ns/DIV
VOUT3(AC), 50mV/DIV
500ns/DIV
VOUT1(AC), 50mV/DIV
ISTEP, 2A/DIV
50µs/DIV
VOUT2(AC, 100mV/DIV)
ISTEP, 2A/DIV
50µs/DIV
VOUT3(AC), 100mV/DIV
ISTEP, 1A/DIV
50µs/DIV
VOUT1, 1V/DIV
VOUT2, 2V/DIV
VOUT4, 2V/DIV
VOUT3, 2V/DIV
1ms/DIV
Application Note 1482


Similar Part No. - ISL9440C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440C INTERSIL-ISL9440C Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440C INTERSIL-ISL9440C Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440CIRZ INTERSIL-ISL9440CIRZ Datasheet
1Mb / 24P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
logo
Renesas Technology Corp
ISL9440CIRZ RENESAS-ISL9440CIRZ Datasheet
2Mb / 25P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
More results

Similar Description - ISL9440C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440AEVAL1Z INTERSIL-ISL9440AEVAL1Z Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440BEVAL1Z INTERSIL-ISL9440BEVAL1Z Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Analog Devices
ADP1828 AD-ADP1828 Datasheet
845Kb / 32P
   Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com