Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP204G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBP204G
Description  Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBP204G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBP204G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBP204G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:D11
RATINGS AND CHARACTERISTIC CURVES (KBP201G THRU KBP207G)
FIG.1 FORWARD CURRENT DERATING CURVE
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
oC)
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
TA=25℃
FIG. 5 TYPICAL FORWARD CHARACTERISRICS
PER BRIDGE ELEMENT
0.01
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
FORWARD VOLTAGE (V)
TA=25℃
PULSE WIDTH 300uS
1% DUTY CYCLE


Similar Part No. - KBP204G

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBP204G SURGE-KBP204G Datasheet
111Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers?
logo
HY ELECTRONIC CORP.
KBP204G HY-KBP204G Datasheet
395Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Diotech Company.
KBP204G DIOTECH-KBP204G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBP204G TSC-KBP204G Datasheet
219Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Won-Top Electronics
KBP204G WTE-KBP204G Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBP204G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
2W005GM TSC-2W005GM Datasheet
68Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBP2005 KINGTRONICS-KBP2005_15 Datasheet
421Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP200G JGD-KBP200G Datasheet
130Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBL205 ETC-GBL205 Datasheet
43Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G Datasheet
54Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_1 Datasheet
239Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ2005 YANGJIE-GBJ-KBJ2005 Datasheet
237Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Suntan Capacitors
RS207 SUNTAN-RS207 Datasheet
390Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR2KB60 TSC-UR2KB60 Datasheet
578Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com