Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP302G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBP302G
Description  Single Phase 3.0Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBP302G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBP302G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBP302G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UL Recoganized File #E-326243
Glass passivated junction
High case dielectric strength
Typical IR less than 0.1uA
High surge current capability
Mechanical Data
KBP30XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
KBP
301G
KBP
302G
KBP
303G
KBP
304G
KBP
305G
KBP
306G
KBP
307G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I(AV)
A
IFSM
A
I
2TA2S
Cj
pF
RθjA
RθjL
OC/W
TJ
OC
TSTG
OC
Weight: 1.54 grams (0.055 ounce)
Typical Thermal Resistance (Note 2)
Type Number
Maximum Average Forward Rectified Current @TA=50℃
Mounting position : Any
- 55 to + 150
30
11
Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC
KBP301G - KBP307G
Marking Diagram
KBP
V
26.5
Single Phase 3.0Amps. Glass Passivated Bridge Rectifiers
Plastic material has Underwriters laboratory
flammability Classification 94V-0
Features
Ideal for printed circuit board
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Note 2 : Unit mount on P.C.B. 0.4" x 0.4" (10mmx10mm) Copper pads, 0.375"(9.5mm) lead length
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
80
10
500
Typical Junction Capacitance per leg (Note 1)
215
Version:E10
Case: Molded plastic body
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@ TA=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
3
Rating of fusing ( t<8.3ms)
Maximum Instantaneous Forward Voltage
@3.0A
High temperature soldering guaranteed:
260℃/10 seconds at 5 lbs.,(2.3kg) tension
VF
1.1
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - KBP302G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBP302G ETC-KBP302G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBP302G JUXING-KBP302G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
KBP302G NIUHANG-KBP302G Datasheet
370Kb / 3P
   BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
KBP302G MCC-KBP302G Datasheet
494Kb / 3P
   3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
KBP302G CTC-KBP302G Datasheet
140Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBP302G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_11 Datasheet
216Kb / 2P
   Single Phase 3.0AMPS. Glass Passivated Bridge Rectifiers
logo
Chongqing Pingwei Enter...
1N5401G CHONGQING-1N5401G_16 Datasheet
178Kb / 1P
   3.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com