Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL80101
Description  High Performance 1A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL80101 Datasheet HTML 3Page - Intersil Corporation ISL80101 Datasheet HTML 4Page - Intersil Corporation ISL80101 Datasheet HTML 5Page - Intersil Corporation ISL80101 Datasheet HTML 6Page - Intersil Corporation ISL80101 Datasheet HTML 7Page - Intersil Corporation ISL80101 Datasheet HTML 8Page - Intersil Corporation ISL80101 Datasheet HTML 9Page - Intersil Corporation ISL80101 Datasheet HTML 10Page - Intersil Corporation ISL80101 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL80101
9
FN6931.1
August 31, 2011
Additional capacitors of any value in ceramic, POSCAP,
alum/tantalum electrolytic types may be placed in parallel to
improve PSRR at higher frequencies and/or load transient AC
output voltage tolerances.
INPUT CAPACITOR
For proper operation, a minimum capacitance of 10µF X5R/X7R
is required at the input. This ceramic input capacitor must be
connected to the VIN and GND pins of the LDO with PCB traces no
longer than 0.5cm.
Power Dissipation and Thermals
The junction temperature must not exceed the range specified in
the “Recommended Operating Conditions (Notes 8, 9)” on
page 4. The power dissipation can be calculated by using
Equation 3:
The maximum allowable junction temperature, TJ(MAX) and the
maximum expected ambient temperature, TA(MAX) determine the
maximum allowable power dissipation, as shown in Equation 4:
θJA is the junction-to-ambient thermal resistance.
For safe operation, enure that the power dissipation PD,
calculated from Equation 3, is less than the maximum allowable
power dissipation PD(MAX).
The DFN package uses the copper area on the PCB as a heat-sink.
The EPAD of this package must be soldered to the copper plane
(GND plane) for effective heat dissipation. Figure 16 shows a curve
for the
θJA of the DFN package for different copper area sizes.
Thermal Fault Protection
The power level and the thermal impedance of the package
(+45°C/W for DFN) determine when the junction temperature
exceeds the thermal shutdown temperature. In the event that the
die temperature exceeds around +160°C, the output of the LDO will
shut down until the die temperature cools down to about +130°C.
Current Limit Protection
The ISL80101 LDO incorporates protection against overcurrent due
to any short or overload condition applied to the output pin. The LDO
performs as a constant current source when the output current
exceeds the current limit threshold noted in the “Electrical
Specifications” table on page 4. If the short or overload condition is
removed from VOUT, then the output returns to normal voltage
regulation mode. In the event of an overload condition, the LDO may
begin to cycle on and off due to the die temperature exceeding
thermal fault condition and subsequently cooling down after the
power device is turned off.
PD
VIN VOUT
() IOUT VIN IGND
×
+
×
=
(EQ. 3)
PDMAX
()
TJMAX
() TA
() θ
JA
=
(EQ. 4)
FIGURE 16. 3mmx3mm-10 PIN DFN ON 4-LAYER PCB WITH
THERMAL VIAS
θJA vs EPAD-MOUNT COPPER LAND
AREA ON PCB
37
39
41
43
45
47
49
2468
10
12
14
16
18
20
22
24
EPAD-MOUNT COPPER LAND AREA ON PCB, mm2


Similar Part No. - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101 INTERSIL-ISL80101 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL80101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com