Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85033 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL85033
Description  Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85033 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL85033_11 Datasheet HTML 5Page - Intersil Corporation ISL85033_11 Datasheet HTML 6Page - Intersil Corporation ISL85033_11 Datasheet HTML 7Page - Intersil Corporation ISL85033_11 Datasheet HTML 8Page - Intersil Corporation ISL85033_11 Datasheet HTML 9Page - Intersil Corporation ISL85033_11 Datasheet HTML 10Page - Intersil Corporation ISL85033_11 Datasheet HTML 11Page - Intersil Corporation ISL85033_11 Datasheet HTML 12Page - Intersil Corporation ISL85033_11 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ISL85033
9
FN6676.4
September 22, 2011
POWER-GOOD
PG1, PG2 Trip Level PG to PGOOD1,
PGOOD2
Rise
91
94
%
Fall
82.5
85.5
%
PG1, PG2 Propagation Delay
Percentage of the soft-start time
10
%
PG1, PG2 Low Voltage
ISINK = 3mA
100
300
mV
ENABLE INPUT
EN1, EN2 Leakage Current
EN1/2 = 0V/5V
-1
1
µA
EN1, EN2 Input Threshold Voltage
Low Level
0.8
V
Float Level
1.0
1.4
V
High Level
2
V
SYNC INPUT/OUTPUT
SYNCIN Input Threshold
Falling Edge
1.1
1.4
V
Rising Edge
1.6
1.9
V
Hysteresis
200
mV
SYNCIN Leakage Current
SYNCIN = 0V/5V
10
1000
nA
SYNCIN Pulse Width
100
ns
SYNCOUT Phase-shift to SYNCIN
Measured from rising edge to rising
edge, if duty cycle is 50%
180
°
SYNCOUT Frequency Range
600
4000
kHz
SYNCOUT Output Voltage High
ISYNCOUT = 3mA
VCC - 0.3
VCC -0.08
V
SYNCOUT Output Voltage Low
0.08
0.3
V
FAULT PROTECTION
Thermal Shutdown Temperature
TSD
Rising Threshold
150
°C
THYS
Hysteresis
20
°C
Overcurrent Protection Threshold
(Note 7)
4.1
5.1
6.1
A
OCP Blanking Time
60
ns
POWER MOSFET
Highside
RHDS
IPHASE = 100mA
75
150
m
Ω
Internal BOOT1, BOOT2 Refresh Lowside
RLDS
IPHASE = 100mA
1
Ω
PHASE Leakage Current
EN1/2 = PHASE1/2 = 0V
300
nA
PHASE Rise Time
tRISE
VIN = 25V
10
ns
NOTES:
6. Test Condition: VIN = 28V, FB forced above regulation point (0.8V), no switching, and power MOSFET gate charging current not included.
7. Established by both current sense amplifier gain test and current sense amplifier output test @ IL = 0A.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications TA = -40°C to +85°C, VIN = 4.5V to 28V, unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS


Similar Part No. - ISL85033_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033-12VEVAL3Z INTERSIL-ISL85033-12VEVAL3Z Datasheet
672Kb / 6P
   Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
logo
Renesas Technology Corp
ISL85033-12VEVAL3Z RENESAS-ISL85033-12VEVAL3Z Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
More results

Similar Description - ISL85033_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com