Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS1060CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1060CT
Description  10.0AMPS Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1060CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS1060CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1060CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (MBRS1035CT THRU MBRS10150CT)
FIG.1 FORWARD CURRENT DERATING CURVE
0
2
4
6
8
10
12
50
60
70
80
90
100 110 120 130 140 150 160 170 180
CASE TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVELOAD
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
0
30
60
90
120
150
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 4 TYPICAL REVERSE CHARACTERISTICS PER
LEG
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=75℃
TA=125℃
TA=25℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
FIG. 3 TYPICAL FORWARD CHARACTERISRICS
PER LEG
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
FORWARD VOLTAGE (V)
MBRS1050CT-1060CT
MBRS1035CT-1045CT
MBRS10150CT
MBRS1090CT-10100CT
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE PER
LEG
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)


Similar Part No. - MBRS1060CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1060CT TSC-MBRS1060CT Datasheet
109Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1060CT TSC-MBRS1060CT Datasheet
168Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1060CT TSC-MBRS1060CT Datasheet
214Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Inchange Semiconductor ...
MBRS1060CT ISC-MBRS1060CT Datasheet
250Kb / 2P
   Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
MBRS1060CT-Y TSC-MBRS1060CT-Y Datasheet
218Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS1060CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1035 TSC-MBRS1035_11 Datasheet
136Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_13 Datasheet
257Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_13 Datasheet
255Kb / 4P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_13 Datasheet
258Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com