Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS1550CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1550CT
Description  15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1550CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS1550CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1550CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326854
For surface mounted application
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for transient protection
Mechanical Data
MBR15XXCT
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBRS
1535
CT
MBRS
1545
CT
MBRS
1550
CT
MBRS
1560
CT
MBRS
1590
CT
MBRS
15100
CT
MBRS
15150
CT
Unit
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IRRM
A
0.95
0.92
-
-
dV/dt
V/us
RθjA
RθjC
OC/W
TJ
OC
TSTG
OC
150
A
A
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=105 ℃
IFRM
15
A
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Average Forward Rectified Current
at TC=105℃
IF(AV)
Weight: 1.35 grams
Typical Thermal Resistance Per Leg (Note 3)
Type Number
Polarity: As marked
1
15
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Note 3: Mounted on Heatsink Size of 2in x 3in x 0.25in Al-Plate
0.5
Voltage Rate of Change (Rated V R)
10000
mA
IFSM
Features
High surge capability
Metal silicon junction, majority carrier conduction
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
MBRS1535CT - MBRS15150CT
Marking Diagram
D
2PAK
15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Case: JEDEC D
2PAK molded plastic body
50
2
-
0.57
0.84
0.72
0.75
0.65
Version:G11
- 65 to + 150
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 175
Maximum Reverse Current @ Rated VR T A=25 ℃
T A=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 2)
IF=7.5A, TA=25℃
IF=7.5A, TA=125℃
IF=15A, TA=25℃
IF=15A, TA=125℃
VF
Peak Repetitive Reverse Surge Current (Note 1)
-
--
V
0.92
0.82
-
0.1
15
10
5
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRS1550CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1550CT TSC-MBRS1550CT Datasheet
74Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1550CT TSC-MBRS1550CT Datasheet
207Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1550CT TSC-MBRS1550CT Datasheet
291Kb / 2P
   15.0 Ampere Surface Mount Schottky Barrier Rectiflers for PV Application
MBRS1550CT TSC-MBRS1550CT Datasheet
223Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
MBRS1550CT HORNBY-MBRS1550CT Datasheet
362Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRS1550CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1535CT TSC-MBRS1535CT_1 Datasheet
207Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT_13 Datasheet
268Kb / 4P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT Datasheet
245Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT Datasheet
74Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1560CT TSC-MBR1560CT Datasheet
174Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR1590CT KERSEMI-MBR1590CT Datasheet
967Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR1535CT TSC-MBR1535CT_1 Datasheet
99Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_11 Datasheet
202Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_10 Datasheet
483Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com