Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

131-4353-00 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 131-4353-00
Description  Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

131-4353-00 Datasheet(HTML) 2 Page - Intersil Corporation

  131-4353-00 Datasheet HTML 1Page - Intersil Corporation 131-4353-00 Datasheet HTML 2Page - Intersil Corporation 131-4353-00 Datasheet HTML 3Page - Intersil Corporation 131-4353-00 Datasheet HTML 4Page - Intersil Corporation 131-4353-00 Datasheet HTML 5Page - Intersil Corporation 131-4353-00 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Application Note 1636
2
AN1636.1
July 27, 2011
If the output voltage desired is -0.8V, then R3 is shorted. The
value for R2 is typically between 1k and 10k. Note that if
VOUT < |2.5V| (i.e., -0.8V), the switching frequency and
compensation must be changed to accommodate the 300kHz
operation, due to minimum on-time limitation. Please refer to
the ISL85033 data sheet for further information.
Frequency Control
The ISL85033-12VEVAL3Z evaluation board has an FS pin that
controls the frequency of operation. Programmable frequency
allows for optimization between efficiency and external
component size. Default switching frequency is 500kHz when FS
is tied to VCC (R9 = 0). By removing R9 and connecting R10 to
the most negative potential on the board (VOUT), the switching
frequency could be changed from 300kHz (R10 = 383k) to 2MHz
(R10 = 40.2k). See the ISL85033 data sheet for information
about calculating the value of R10. Do not leave this pin floating.
Disabling/Enabling Function
The ISL85033-12VEVAL3Z evaluation board contains an S1
switch that enables or disables both channels, thus allowing a
low quiescent current state. Table 2 details this function.
NOTE: If driven externally, the EN signal (the same as all input
logic signals) is referenced to VOUT (the most negative potential
on the board) and not to GND. Therefore, the source cannot be
GND referenced, and input level shifting is required.
FIGURE 1. ISL85033-12VEVAL3Z BUCK BOOST: RECOMMENDED
MAXIMUM IOUT (VIN)
FIGURE 2. ISL85033-12VEVAL3Z EFFICIENCY: VOUT = -15V
FIGURE 3. ISL85033-12VEVAL3Z EFFICIENCY: VOUT = -12V
FIGURE 4. ISL85033-12VEVAL3Z EFFICIENCY: VOUT = -5V
0
1
2
3
4
5
6
5
7
9
11
13
15
17
19
21
23
25
VIN (V)
VOUT = -5V
VOUT = -12V
VOUT = -15V
60
65
70
75
80
85
90
95
0
0.5
1.0
1.5
2.0
2.5
IOUT (A)
VIN = 5V
VIN = 12V
0
0.5
1.0
1.5
2.0
2.5
IOUT (A)
VIN = 12V
60
65
70
75
80
85
90
95
VIN = 15V
VIN = 5V
60
65
70
75
80
85
90
95
0
0.5
1.0
1.5
2.0
2.5
IOUT (A)
VIN = 12V
VIN = 15V
VIN = 5V
VIN = 6V
TABLE 2. SWITCH SETTINGS
S1
ON/OFF CONTROL
ON
Enable VOUT
OFF
Disable VOUT


Similar Part No. - 131-4353-00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
131-4353-00 INTERSIL-131-4353-00 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
131-4353-00 INTERSIL-131-4353-00 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - 131-4353-00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com