Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340B Datasheet(PDF) 4 Page - Intersil Corporation

Part # B340B
Description  Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

B340B Datasheet(HTML) 4 Page - Intersil Corporation

  B340B Datasheet HTML 1Page - Intersil Corporation B340B Datasheet HTML 2Page - Intersil Corporation B340B Datasheet HTML 3Page - Intersil Corporation B340B Datasheet HTML 4Page - Intersil Corporation B340B Datasheet HTML 5Page - Intersil Corporation B340B Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application Note 1636
4
AN1636.1
July 27, 2011
Bill of Materials
PART NUMBER
REFERENCE
DESIGNATOR
QUANTITY
VALUE
TOLERANCE VOLTAGE POWER
PACKAGE
TYPE
JEDEC TYPE
MANUFACTURER
DESCRIPTION
131-4353-00
JLX1, JLX2,
JVO2
3
CONN
TEK131-
4353-00
TEKTRONIX
Scope Probe Test Point
PCB Mount
TPSD686K020R00
070-T
C12, C19
2
68µF
20%
20V
SMD
CAP_TANT
AVX
TQC Series Hi-Volt Low
ESR Capacitor
B340B
D1, D2
2
SMD2
DO_SMA
DIODES
3A Low VF SCHOTTKY
BARRIER RECTIFIER
C5750X7R1E226M
C14, C17
2
22µF
20%
25V
2220
CAP_2220
TDK
Ceramic Cap
EEE-FK1V101P-T
C2
1
100µF
20%
35V
SMD
CAPAE_315X
402
PANASONIC
AL LYTIC FK SERIES CAP
(RoHS COMP.)
GMK325BJ106KN
C6, C8
2
10µF
10%
35V
1210
CAP_1210
TAIYO YUDEN
Ceramic Chip Cap
GT13MCBE
S1
1
SW
SW_GT13MC
BE
C&K
SPDT On-Off-On
Ultraminiature
Toggle Switch
H1044-00220-
50V5
C13
1
22PF
5%
50V
402
CAP_0402
GENERIC
Multilayer Cap
H1044-00472-
50V10
C4
1
4700PF
10%
50V
402
CAP_0402
GENERIC
Multilayer Cap
H1044-OPEN
C10, C15, C16
3
OPEN
OPEN
OPEN
402
CAP_0402
GENERIC
Multilayer Cap
H1045-00103-
50V10
C5, C9
2
0.01µF
10%
50V
603
CAP_0603
GENERIC
Multilayer Cap
H1045-00562-
50V10
C3, C11
2
5600PF
10%
50V
603
CAP_0603
GENERIC
Multilayer Cap
H1046-00475-
10V20
C7
1
4.7µF
20%
10V
805
CAP_0805
GENERIC
Multilayer Cap
H1065-00106-
25V10-T
C18
1
10µF
10%
25V
SMD
CAP_1206
VENKEL
Multilayer Cap
H1082-TBD-TBD
C1, C20
2
TBD
TBD
TBD
1210
CAP_1210
GENERIC
Ceramic Chip Cap
H2505-01003-1/
16WR1
R4
1
100k
0.10%
1/16W
603
RES_0603
GENERIC
Metal Film Chip Resistor
H2505-DNP-DNP-1
R10, R17
2
DNP
1%
DNP
603
RES_0603
GENERIC
Metal Film Chip Resistor
(Do Not Populate)
H2505-DNP-DNP-
R1
R12, R13,
R19, R20,
R25
5
DNP
0.10%
DNP
603
RES_0603
GENERIC
Metal Film Chip Resistor
(Do Not Populate)
H2510-01133-
1/16W1
R3
1
113k
1%
1/16W
402
RES_0402
GENERIC
Thick Film Chip Resistor
H2510-01203-
1/16W1
R5
1
120k
1%
1/16W
402
RES_0402
GENERIC
Thick Film Chip Resistor
H2510-08061-
1/16W1
R2
1
8.06k
1%
1/16W
402
RES_0402
GENERIC
Thick Film Chip Resistor
H2510-ROPEN-
OPEN
R7, R8, R11,
R14-R16
6
OPEN
1%
OPEN
402
RES_0402
GENERIC
Thick Film Chip Resistor
H2511-00R00-
1/16W
R23, R24
2
0
0%
1/16W
603
RES_0603
GENERIC
Thick Film Chip Resistor
H2511-00R00-
1/16W1
R9, R18
2
0
1%
1/16W
603
RES_0603
GENERIC
Thick Film Chip Resistor
ISL85033IRTZ
U1
1
QFN
QFN28_157X
157_157_EP
INTERSIL
WIDE VIN DUAL
STANDARD BUCK
REGULATOR (Pb-FREE)
PAD_100
EN, FS, SI, SO,
PG1, PG2,
SS1,
SS2, VNEG
9
THOLE
PAD-100
GENERIC
0.100 Pad with 0.037
Plated Thru Hole


Similar Part No. - B340B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340B DIODES-B340B Datasheet
58Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
DONGGUAN YOU FENG WEI E...
B340B YFWDIODE-B340B Datasheet
356Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B340B WEITRON-B340B Datasheet
188Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340B DIODES-B340B Datasheet
162Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B340B BILIN-B340B Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B340B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com