Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B340B Datasheet(PDF) 5 Page - Intersil Corporation

Part # B340B
Description  Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

B340B Datasheet(HTML) 5 Page - Intersil Corporation

  B340B Datasheet HTML 1Page - Intersil Corporation B340B Datasheet HTML 2Page - Intersil Corporation B340B Datasheet HTML 3Page - Intersil Corporation B340B Datasheet HTML 4Page - Intersil Corporation B340B Datasheet HTML 5Page - Intersil Corporation B340B Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Application Note 1636
5
AN1636.1
July 27, 2011
PAD_150
VIN, GND1,
GNDO1,
GNDO2,
VNEG1,
VNEG2
6
THOLE
PAD-150
GENERIC
0.150 Pad with 0.110
Plated Thru Hole
SQ1004
L1, L2
2
10µH
25%
4.8A
SMD
IND_SQ10XX
FALCO
SMT SHIELDED POWER
INDUCTOR
Bill of Materials (Continued)
PART NUMBER
REFERENCE
DESIGNATOR
QUANTITY
VALUE
TOLERANCE VOLTAGE POWER
PACKAGE
TYPE
JEDEC TYPE
MANUFACTURER
DESCRIPTION
ISL85033-12VEVAL3Z Layout
FIGURE 5. TOP LAYER COMPONENTS
FIGURE 6. TOP LAYER ETCH
FIGURE 7. SECOND LAYER ETCH
FIGURE 8. THIRD LAYER ETCH


Similar Part No. - B340B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340B DIODES-B340B Datasheet
58Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
DONGGUAN YOU FENG WEI E...
B340B YFWDIODE-B340B Datasheet
356Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B340B WEITRON-B340B Datasheet
188Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340B DIODES-B340B Datasheet
162Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B340B BILIN-B340B Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B340B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com