Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS4060CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS4060CT
Description  40.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS4060CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS4060CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS4060CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MBRS4060CT)
Version:B11
FIG.1 FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
CASE TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVE
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
100
200
300
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
JEDEC Method
FIG. 3 TYPICAL FORWARD
CHARACTERSTICS PER LEG
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
FORWARD VOLTAGE (V)
TA=25℃
TA=125℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE PER LEG
10
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vslg=50mVp-p
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION (s)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃


Similar Part No. - MBRS4060CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS4060CT TSC-MBRS4060CT Datasheet
212Kb / 4P
   Dual Common Cathode Schottky Rectifier
MBRS4060CT TSC-MBRS4060CT_14 Datasheet
212Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS4060CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR4035PT TSC-MBR4035PT_10 Datasheet
550Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
MBR4035PT TSC-MBR4035PT_1 Datasheet
371Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
MBR4035PT TSC-MBR4035PT Datasheet
113Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT Datasheet
100Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT_1 Datasheet
220Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT_10 Datasheet
598Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SKL22A TSC-SKL22A Datasheet
61Kb / 3P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS2535CT TSC-MBRS2535CT_11 Datasheet
139Kb / 3P
   25.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT_11 Datasheet
157Kb / 2P
   15.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
SK225 JGD-SK225 Datasheet
142Kb / 2P
   2.0 AMPS, SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com