Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLG-150-24 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # CLG-150-24
Description  150W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CLG-150-24 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  CLG-150-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CLG-150-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CLG-150-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CLG-150-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CLG-150-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FileName:CLG-150-SPEC 2011-08-23
150WSingleOutputSwitchingPowerSupply
C L G - 1 5 0 series
ADJ1
(B Type)
ADJ2
Fosc:100KHz
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-10
0
15
30
50 55 60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
295
100
90
80
70
60
50
40
(HORIZONTAL)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
BlockDiagram
230VAC
100VAC
230VAC
Inputonly


Similar Part No. - CLG-150-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-150-24 MEANWELL-CLG-150-24 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150-24 MEANWELL-CLG-150-24 Datasheet
587Kb / 5P
   150W Single Output Switching Power Supply
CLG-150-24A MEANWELL-CLG-150-24A Datasheet
222Kb / 3P
   150W Single Output Switching Power Supply
CLG-150-24B MEANWELL-CLG-150-24B Datasheet
222Kb / 3P
   150W Single Output Switching Power Supply
CLG-150-24C MEANWELL-CLG-150-24C Datasheet
222Kb / 3P
   150W Single Output Switching Power Supply
More results

Similar Description - CLG-150-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com